Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF24-ECON-R10US Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # LF24-ECON-R10US
Description  Modulating, Spring Return, 24 V, Economizer, 10k廓 Mixed Air Sensor, Built-in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

LF24-ECON-R10US Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  LF24-ECON-R10US Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC LF24-ECON-R10US Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC LF24-ECON-R10US Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Accessories
20477-00001
Honeywell logic module bracket.
AV6-20
Shaft extension
K6 US
Standard LF clamp (3/8” to 1/2”).
K6-1
Shaft clamp reversible
KG10A
Ball joint
KG8
Ball joint
KH8
Damper crank arm
KH-LF
Actuator arm
KH-LFV
V-bolt Kit for KH-LF.
LF-P
Anti-rotation bracket LF.
SH10
Push rod for KG10A ball joint (36” L, 3/8” diameter).
SH8
Push rod for KG6 & KG8 ball joints (36” L, 5/16” diameter).
TOOL-06
8 mm and 10 mm wrench.
ZDB-LF
Angle of rotation limiter
ZF8-LF
Form fit adapter
ZG-109
Right angle bracket for ZS-260.
ZG-110
Stand-off bracket for ZS-260.
ZG-112
LF right angle bracket 4-1/2x5-1/2x2-1/2” (HxWxD).
ZG-DC1
Damper clip for damper blade, 3.5” width.
ZG-DC2
Damper clip for damper blade, 6” width.
ZG-LF112
LF crankarm adaptor kit (includes ZG-112).
ZG-LF2
LF crankarm adaptor kit (T bracket included).
ZG-LMSA-1
Shaft extension for 3/8” diameter shafts (4” L).
ZG-LMSA-1/2-5 Shaft extension for 1/2” diameter shafts (5” L).
ZS-100
Weather shield - galvaneal 13x8x6” (LxWxD).
ZS-101
Base plate for ZS-100.
ZS-150
Weather shield - PC w/ foam seal 16x8-3/8x4” (LxWxD).
ZS-260
Explosion proof housing.
ZS-300
NEMA 4X, 304 stainless steel enclosure.
ZS-300-5
NEMA 4X, 316L stainless steel enclosure.
ZS-300-C1
1/2” shaft adaptor, standard wtih ZS-300(-5).
ZS-300-C2
3/4” shaft adaptor for ZS-300(-5).
ZS-300-C3
1” shaft adaptor for ZS-300(-5).
IRM-100
Input rescaling module for modulating actuators.
P475
Shaft mount, non-Mercury aux. switch for 1/2” dia. shafts.
P475-1
Shaft mount, non-Mercury aux. switch for 1” dia. shafts.
PS-100
Low voltage and control signal simulator.
SGA24
Positioners suitable for use with the modulating damper
actuators LM..A-SR, NM..A-SR, SM..A-SR and GM..A-SR
SGF24
Positioners suitable for use with the modulating damper
actuators LM..A-SR, NM..A-SR, SM..A-SR and GM..A-SR
ZG-SGF
Mounting plate for SGF.
ZG-X40
120 to 24 VAC, 40 VA transformer.
Typical Specification
Spring return control damper actuators shall be direct coupled type which
require no crank arm and linkage and be capable of direct mounting to a
shaft up to a 3/4” diameter and center on a 1/2” shaft (default). Actuator shall
deliver a minimum output torque of 35 in-lbs. The actuator must provide
modulating damper control in response to a 10 kΩ NTC thermistor, 55°F
setpoint. Actuator must have a built-in minimum position potentiometer.
Actuator must have a minimum position override via 0 to 10 VDC on wire 4.
Actuators shall use a brushless DC motor controlled by a microprocessor
and be protected from overload at all angles of rotation. Run time shall be
independent of torque load. A 2 to 10 VDC feedback signal shall be provided
for position feedback. The actuator must be designed so that they may be
used for either clockwise or counter clockwise fail safe operation. Actuators
shall be cULus listed, have a 5 year warranty, and be manufactured under
ISO 9001 International Quality Control Standards. Actuators shall be as
manufactured by Belimo.
Line
Volts
MA thermistor
setpoint 55ºF
Control Signal
0 to 10 VDC
Grn
U Output, 2 to 10 V
Blk
Red
Wht
Common
+ Hot
Y
1
30
1
3
27
26
28
29
10k
NTC
OrgY
2 Min-pos
24 VAC Transformer
(1)
(2)
(3)
(4)
(5)
Typical Economizer Control
Line
Volts
Control Signal
0 to 10 VDC
1
3
27
26
30
29
Grn
U Output, 2 to 10 V
Blk
Red
Wht
Common
+ Hot
OrgY
2 Min-pos
Y
1
24 VAC Transformer
(1)
(2)
(3)
(4)
(5)
Override Control
LF24-ECON-R10 US Damper Actuator Technical Data Sheet
Modulating, Spring Return, 24 V, Economizer, 10k
Ω Mixed Air Sensor, Built-in
Minimum Position Adjustment
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com