Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS133 Datasheet(PDF) 21 Page - PADAUK Technology.

Part # PMS133
Description  8bit OTP MCU with 12-bit ADC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS133 Datasheet(HTML) 21 Page - PADAUK Technology.

Back Button PMS133 Datasheet HTML 17Page - PADAUK Technology. PMS133 Datasheet HTML 18Page - PADAUK Technology. PMS133 Datasheet HTML 19Page - PADAUK Technology. PMS133 Datasheet HTML 20Page - PADAUK Technology. PMS133 Datasheet HTML 21Page - PADAUK Technology. PMS133 Datasheet HTML 22Page - PADAUK Technology. PMS133 Datasheet HTML 23Page - PADAUK Technology. PMS133 Datasheet HTML 24Page - PADAUK Technology. PMS133 Datasheet HTML 25Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
PMS133/PMS134
8bit OTP MCU with 12-bit ADC
©Copyright 2018, PADAUK Technology Co. Ltd
Page 21 of 106
PDK-DS-PMS133/134-EN_V103 – Nov. 13, 2018
Pin Name
Pin Type &
Buffer Type
Description
PB3 /
AD3 /
PG2PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 3 of port B. It can be configured as digital input or two-state output, with
pull-up resistor independently by software
(2) Channel 3 of ADC analog input
(3) Output of 11-bit PWM generator PWMG2
When this pin is configured as analog input, please use bit 3 of register pbdier to
disable the digital input to prevent current leakage. The bit 3 of pbdier register can
be set to “0” to disable digital input; wake-up function by toggling this pin is also
disabled.
PB2 /
AD2 /
COM2 /
TM2PWM /
PG2PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 2 of port B. It can be configured as digital input or two-state output, with
pull-up resistor independently by software
(2) Channel 2 of ADC analog input
(3) COM2 to provide (1/2 VDD) for LCD display
(4) PWM output from Timer2
(5) Output of 11-bit PWM generator PWMG2.
When this pin is configured as analog input, please use pbdier.2 to disable the digital
input to prevent current leakage. The pbdier.2 can be set to “0” to disable digital
input; wake-up functionby toggling this pin is also disabled.
PB1 /
AD1 /
COM1 /
Vref
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 1 of port B. It can be configured as digital input or two-state output, with
pull-up resistor independently by software
(2) Channel 1 of ADC analog input
(3) COM1 to provide (1/2 VDD) for LCD display
(4) External reference high voltage for ADC.
When this pin is configured as analog input, please use bit 1 of register pbdier to
disable the digital input to prevent current leakage. The bit 1 of pbdier register can
be set to “0” to disable digital input; wake-up functionby toggling this pin is also
disabled.
PB0 /
AD0 /
COM1 /
INT1
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 0 of port B. It can be configured as digital input or two-state output, with
pull-up resistor independently by software
(2) Channel 0 of ADC analog input
(3) COM1 to provide (1/2 VDD) for LCD display
(4) External interrupt line 1. It can be used as an external interrupt line 1. Both rising
edge and falling edge are accepted to request interrupt service and configurable
by register setting
When this pin is configured as analog input, please use bit 0 of register pbdier to
disable the digital input to prevent current leakage. The bit 0 of pbdier register can be
set to “0” to disable digital input; wake-up functionby toggling this pin is also disabled.
PC5
IO
ST /
CMOS
The function of this pin can be:
Bit 5 of port C. It can be configured as digital input, two-state output with pull-up
resistor independently by software
The bit 5 of pcdier register can be set to “0” to disable digital input; wake-up from
power-down by toggling this pin is also disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com