Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS152 Datasheet(PDF) 68 Page - PADAUK Technology.

Part # PMS152
Description  8bit OTP Type SuLED IO Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS152 Datasheet(HTML) 68 Page - PADAUK Technology.

Back Button PMS152 Datasheet HTML 64Page - PADAUK Technology. PMS152 Datasheet HTML 65Page - PADAUK Technology. PMS152 Datasheet HTML 66Page - PADAUK Technology. PMS152 Datasheet HTML 67Page - PADAUK Technology. PMS152 Datasheet HTML 68Page - PADAUK Technology. PMS152 Datasheet HTML 69Page - PADAUK Technology. PMS152 Datasheet HTML 70Page - PADAUK Technology. PMS152 Datasheet HTML 71Page - PADAUK Technology. PMS152 Datasheet HTML 72Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
PMS152
8bit OTP Type SuLED IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 68 of 91
PDK-DS-PMS152-EN_V105 –Jun. 9, 2020
6.25. PWMG Clock Register (pwmgclk), IO address = 0x21
Bit
Reset
R/W
Description
7
0
WO
PWMG Disable/ Enable
0: PWMG Disable
1: PWMG Enable
6 - 4
000
WO
PWMG clock pre-scalar.
000: ÷1
001: ÷2
010: ÷4
011: ÷8
100: ÷16
101: ÷32
110: ÷64
111: ÷128
3 - 1
-
-
Reserved
0
0
WO
PWMG clock source selection
0: System Clock
1: IHRC or IHRC*2 (by code option PWM_Source)
6.26. PWMG0 Duty Value High Register (pwmg0dth), IO address = 0x22
Bit
Reset
R/W
Description
7 - 0
-
WO
Bit[10:3] of PWMG0 Duty.
6.27. PWMG0 Duty Value Low Register (pwmg0dtl), IO address = 0x23
Bit
Reset
R/W
Description
7 - 5
-
WO
Bit[2:0] of PWMG0 Duty.
4 - 0
-
-
Reserved
Note: It’s necessary to write PWMG0 Duty_Value Low Register before writing PWMG0 Duty_Value High Register.
6.28. PWMG Counter Upper Bound High Register (pwmgcubh ), IO address = 0x24
Bit
Reset
R/W
Description
7 - 0
-
WO
Bit[10:3] of PWMG Counter Bound.
6.29. PWMG Counter Upper Bound Low Register (pwmgcubl ), IO address = 0x25
Bit
Reset
R/W
Description
7 - 6
-
WO
Bit[2:1] of PWMG Counter Bound.
5 - 0
-
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com