Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9261 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT91SAM9261
Description  ARM926EJ-S BASED MICROCONTROLLER
PDF  688 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 35Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 36Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 37Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 38Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 39Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 40Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 41Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 42Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 688 page
background image
39
6062F–ATARM–05-Dec-06
AT91SAM9261 Preliminary
10.13 USB
• USB Host Port:
– Compliance with Open HCI Rev 1.0 specification
– Compliance with USB V2.0 Full-speed and Low-speed Specification
– Supports both Low-speed 1.5 Mbps and Full-speed 12 Mbps USB devices
– Root hub integrated with two downstream USB ports
– Two embedded USB transceivers
– No overcurrent detection
– Supports power management
– Operates as a master on the Bus Matrix
• USB Device Port:
– USB V2.0 full-speed compliant, 12 Mbits per second
– Embedded USB V2.0 full-speed transceiver
– Embedded dual-port RAM for endpoints
– Suspend/Resume logic
– Ping-pong mode (two memory banks) for isochronous and bulk endpoints
– Six general-purpose endpoints:
Endpoint 0: 8 bytes, no ping-pong mode
Endpoint 1, Endpoint 2: 64 bytes, ping-pong mode
Endpoint 3: 64 bytes, no ping-pong mode
Endpoint 4, Endpoint 5: 256 bytes, ping-pong mode
• Embedded pad pull-up configurable via USB_PUCR Register located in the MATRIX
user interface
10.14 LCD Controller
• Single and Dual scan color and monochrome passive STN LCD panels supported
• Single scan active TFT LCD panels supported.
• 4-bit single scan, 8-bit single or dual scan, 16-bit dual scan STN interfaces supported
• Up to 24-bit single scan TFT interfaces supported
• Up to 16 gray levels for mono STN and up to 4096 colors for color STN displays
• 1, 2 bits per pixel (palletized), 4 bits per pixel (non-palletized) for mono STN
• 1, 2, 4, 8 bits per pixel (palletized), 16 bits per pixel (non-palletized) for color STN
• 1, 2, 4, 8 bits per pixel (palletized), 16, 24 bits per pixel (non-palletized) for TFT
• Single clock domain architecture
• Resolution supported up to 2048 x 2048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com