Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST-90-R-F11-HH Datasheet(PDF) 3 Page - Luminus, Inc

Part # SST-90-R-F11-HH
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R-F11-HH Datasheet(HTML) 3 Page - Luminus, Inc

  SST-90-R-F11-HH Datasheet HTML 1Page - Luminus, Inc SST-90-R-F11-HH Datasheet HTML 2Page - Luminus, Inc SST-90-R-F11-HH Datasheet HTML 3Page - Luminus, Inc SST-90-R-F11-HH Datasheet HTML 4Page - Luminus, Inc SST-90-R-F11-HH Datasheet HTML 5Page - Luminus, Inc SST-90-R-F11-HH Datasheet HTML 6Page - Luminus, Inc SST-90-R-F11-HH Datasheet HTML 7Page - Luminus, Inc SST-90-R-F11-HH Datasheet HTML 8Page - Luminus, Inc SST-90-R-F11-HH Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
PDS-002760 Rev 01 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-R Product Datasheet
SST-90 Red Bins Structure1,2
SST-90 Red LEDs are specified for luminous flux and wavelength at a drive current of 3.15 A (0.35 A/mm2) and placed into one of the
following luminous flux (FF) and wavelength (WW) bins:
Note 1: Luminus maintains a +/- 6% tolerance on flux measurements.
Note 2: Only specific bins are available for large order, contact Luminus sales team for more information.
Color
Luminous Flux Bin (FF)
Minimum Flux (lm) @
3.15A
Maximum Flux (lm) @
3.15A
Red
BG
275
350
BH
350
475
BJ
475
600
BK
600
770
BM
770
970
Flux Bins
Color
Wavelength Bin (FF)
Minimum Wavelength
@ 3.15A
Maximum Wavelength
@ 3.15A
Red
R2
611
615
R3
615
619
R4
619
623
R5
623
627
Wavelength Bins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com