Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR-90-W65S-R11-N2 Datasheet(PDF) 3 Page - Luminus, Inc

Part # SSR-90-W65S-R11-N2
Description  Extremely high optical output White LED: up to 4,000lm at 18A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SSR-90-W65S-R11-N2 Datasheet(HTML) 3 Page - Luminus, Inc

  SSR-90-W65S-R11-N2 Datasheet HTML 1Page - Luminus, Inc SSR-90-W65S-R11-N2 Datasheet HTML 2Page - Luminus, Inc SSR-90-W65S-R11-N2 Datasheet HTML 3Page - Luminus, Inc SSR-90-W65S-R11-N2 Datasheet HTML 4Page - Luminus, Inc SSR-90-W65S-R11-N2 Datasheet HTML 5Page - Luminus, Inc SSR-90-W65S-R11-N2 Datasheet HTML 6Page - Luminus, Inc SSR-90-W65S-R11-N2 Datasheet HTML 7Page - Luminus, Inc SSR-90-W65S-R11-N2 Datasheet HTML 8Page - Luminus, Inc SSR-90-W65S-R11-N2 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PDS-001342 Rev 15 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-W Product Datasheet
SST-90-W White Binning Structure
SST-90-W white LEDs are tested for luminous flux and chromaticity at a drive current of 3.15 A (350 mA/mm2) and placed into one of the
following luminous flux (FF) and chromaticity (WW) bins. Please note that single bins cannot be ordered. Refer to ordering information
to see the highest minimum bin orderable.
Chromaticity Bins
Luminus’Standard Chromaticity Bins: 1931 CIE Curve
*Note: Luminus maintains a +/- 6% tolerance on flux measurements.
Flux Bin (FF)
Minumum Flux (lm) @ 3.15A
Maximum Flux (lm) @ 3.15A
N2
900
950
N3
950
1,000
P
1000
1060
P2
1060
1130
P3
1130
1200
Flux Bins
0.380
0.355
0.330
0.305
0.280
0.270
0.295
0.320
0.345
0.370
CIEx
BB Locus
6500
5700
DE
EF
EH
H4
J4
H3
J3
DJ
F4
G4
G3
F3
DF
DG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com