Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CG Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MBR3045CG
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MBR3045CG Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MBR3045CG Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MBR3045CG Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MBR3045CG Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR3040CG THRU MBR30200CG TO-263
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 40 to 200 V
Forward Current - 30 A
FEATURES
High current capability
Low forward voltage drop
High surge capability
High temperature soldering guaranteed
Mounting position: any
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: TO-263(D
2-PAK)
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 1.16g / 0.04oz
TO-263(D
2-PAK)
Maximum Ratings and Electrical characteristics
Ratings at 25 ° ambient temperature unless otherwise specified.
Parameter
Symbols
MBR3040CG
MBR3045CG
MBR3060CG MBR30100CG MBR30150CG MBR30200CG
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
40
45
60
100
150
200
V
Maximum RMS voltage
VRMS
28
31.5
42
70
105
140
V
Maximum DC Blocking Voltage
VDC
40
45
60
100
150
200
V
Maximum Average Forward
perdiode
Rectified Current
perdevice
IF(AV)
15
30
A
Peak Forward Surge Current, 8.3ms Single Half Sine-
wave Superimposed On Rated Load (JEDEC method)
IFSM
200
A
Maximum Instantaneous Forward Voltage at 15 A
VF
0.65
0.70
0.85
0.90
0.92
V
Maximum DC Reverse Current
TA = 25°C
at Rated DC Reverse Voltage
TA = 125°C
IR
0.1
20
0.05
20
mA
Typical Junction Capacitance
(
1)
Cj
600
400
pF
Typical Thermal Resistance
(
2)
RθJA
45
°C/W
Operating Junction Temperature Range
Tj
-55 ~ +150
-55 ~ +175
°C
Storage Temperature Range
Tstg
-55 ~ +150
-55 ~ +175
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)P.C.B. mounted with 10cm X 10cmX1mm copper pad areas.


Similar Part No. - MBR3045CG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR3045CG-TA3-T UTC-MBR3045CG-TA3-T Datasheet
162Kb / 3P
SCHOTTKY BARRIER RECTIFIER
MBR3045CG-TF3-T UTC-MBR3045CG-TF3-T Datasheet
162Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
MBR3045CGD LUGUANG-MBR3045CGD Datasheet
1Mb / 2P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR3045CG

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com