Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC21 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC21
Description  IoT/M2M-optimized LTE Cat 1 Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC21 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EC21 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC21 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EC21 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Quectel EC21 Series
IoT/M2M-optimized
LTE Cat 1 Module
Quectel EC21 is a series of LTE category 1 module optimized specially for M2M and IoT applications. It features cost-effective,
low-power LTE connectivity, and delivers maximum data rates up to 10Mbps downlink and 5Mbps uplink. These make EC21
an ideal solution for numerous IoT applications that are not reliant on high speed connectivity but still require the longevity
and reliability of LTE networks.
EC21 is compatible with Quectel UMTS/HSPA+ UC20/UC200T modules and multi-mode LTE Standard EC25/EC20 R2.0/EC20
R2.1/EG25-G/EG21-G modules in the compact and unified form factor. It contains 10 variants: EC21-E, EC21-EU, EC21-EUX,
EC21-A, EC21-V, EC21-AUT, EC21-AU, EC21-AUX, EC21-KL and EC21-J. This makes it backward-compatible with existing EDGE
and GSM/GPRS networks, ensuring that it can easily migrate from LTE to 2G or 3G network.
EC21 supports Qualcomm® IZat™ location technology Gen8C Lite (GPS, GLONASS, BeiDou/Compass, Galileo and QZSS). The
integrated GNSS greatly simplifies product design, and provides quicker, more accurate and more dependable positioning.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB serial drivers for Windows
7/8/8.1/10, Linux, Android/eCall*) extend the applicability of the module to a wide range of M2M and IoT applications such
as smart metering, wearable devices, environmental monitoring, asset tracking, fleet management, security and alarm
systems, and so on.
Key
Benefits
Cost-effective, lower-power LTE connectivity optimized for
broad- band IoT applications
Worldwide LTE, UMTS/HSPA(+) and GSM/GPRS/EDGE coverage
Multi-constellation GNSS receiver available for applications
requiring fast and accurate fixes in any environment
Feature refinements: supports DFOTA, eCall* and DTMF
MIMO technology meets demands for data rate and link reliability
in modem wireless communication systems
LTE Cat 1
Max 10Mbps (DL)
Max 5Mbps (UL)
Max 42Mbps (DL)
Max 5.76Mbps (UL)
LCC Package
Embedded Abundant
Protocols
eCall*
Multi-constellation
GNSS
USB 2.0 High Speed
Interface
USB Drivers
Quectel Enhanced
AT Commands
Rev.: V1.9 | Status: Released
32.0mm
2.4mm
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Wi-Fi
BT*


Similar Part No. - EC21

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC21 QUECTEL-EC21 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21-AMINIPCIE QUECTEL-EC21-AMINIPCIE Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21-AUMINIPCIE QUECTEL-EC21-AUMINIPCIE Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21-AUTMINIPCIE QUECTEL-EC21-AUTMINIPCIE Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21-AUXMINIPCIE QUECTEL-EC21-AUXMINIPCIE Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
More results

Similar Description - EC21

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G Datasheet
787Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
IoT/M2M-optimized LTE Cat 1 Modules
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
IoT/M2M-optimized LTE Cat 4 Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com