Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM05 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EM05
Description  IoT/M2M-optimized LTE Cat 4 M.2 Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EM05 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EM05 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EM05 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. * means under development
2. ● means supported
LTE Cat 4
EM05-CE
EM05-E
EM05-CML
Region/Operator
China/Thailand/India
Europe/Australia/New Zealand
China
Dimensions (mm)
(42.0±0.15) × (30.0±0.15) × (2.3±0.20)
(42.0±0.15) × (30.0±0.15) × (2.3±0.20)
(42.0±0.15) × (30.0±0.15) × (2.3±0.20)
Temperature Range
Operation Temperature
-30°C ~ +70°C
-30°C ~ +70°C
-30°C ~ +70°C
Extended Temperature
-40°C ~ +85°C
-40°C ~ +85°C
-40°C ~ +85°C
Frequency Bands
LTE-FDD
B1/B3/B5/B8
B1/B3/B7/B8/B20/B28
\
LTE-TDD
B38/B39/B40/B41
B38/B41
B38/B39/B40/B41
WCDMA
B1/B8
B1/B8
\
EVDO/CDMA
BC0
\
\
GNSS (Optional)
GPS, GLONASS, BeiDou/Compass, Galileo, QZSS
GPS, GLONASS, BeiDou/Compass, Galileo, QZSS
GPS, GLONASS, BeiDou/Compass, Galileo, QZSS
Certifications
Regulatory
SRRC/CCC/NAL
CE/RCM
SRRC/CCC/NAL
Others
WHQL/RoHS Compliant
WHQL/RoHS Compliant
WHQL/RoHS Compliant
Data Transmission
LTE-FDD data rate (Mbps)
150 (DL)/ 50 (UL)
150 (DL)/ 50 (UL)
\
LTE-TDD data rate (Mbps)
130 (DL)/ 30 (UL)
130 (DL)/ 30 (UL)
130 (DL)/ 30 (UL)
DC-HSPA+ data rate (Mbps)
42 (DL)/ 5.76 (UL)
42 (DL)/ 5.76 (UL)
\
WCDMA data rate (Kbps)
384 (DL)/ 384 (UL)
384 (DL)/ 384 (UL)
\
EVDO data rate (Mbps)
3.1 (DL)/ 1.8 (UL)
\
\
1X Advanced data rate (Kbps)
307.2 (DL)/ 307.2 (UL)
\
\
Interfaces
(U)SIM
x 1
x 1
x 1
USB 2.0
x 1
x 1
x 1
Control and Indication Signals
W_DISABLE1#, LED#, WOWWAN#, DPR*
W_DISABLE1#, LED#, WOWWAN#, DPR*
W_DISABLE1#, LED#, WOWWAN#, DPR*
Antenna Interfaces
Main, Rx-diversity, GNSS
Main, Rx-diversity, GNSS
Main, Rx-diversity, GNSS
Audio Digital (PCM&I2C) (Optional)
x 1
x 1
x 1
Voice
Speech Codec Modes
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
HR/FR/EFR/AMR/AMR-WB
Echo Arithmetic
Echo cancellation/Noise suppression
Echo cancellation/Noise suppression
Echo cancellation/Noise suppression
Enhanced Features
DFOTA
●
●
●
QMI/RmNet
●
\
\
Audio Playback/Audio Recording*
Optional
Optional
Optional
QuecLocator®
●
●
●
QuecFile
●
●
●
SMS
●
●
●
(U)SIM Card Detection
●
●
●
Drivers
USB Serial Driver
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
Android 4.x/ 5.x/ 6.x/ 7.x/ 9.x
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
Android 4.x/ 5.x/ 6.x/ 7.x/ 9.x
Windows 7/ 8/ 8.1/ 10,
Linux 2.6~5.4,
Android 4.x/ 5.x/ 6.x/ 7.x/ 9.x
GNSS Driver
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
RIL Driver
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
NDIS Driver
Windows 7/ 8/ 8.1/ 10
\
\
MBIM Driver
Windows 8/8.1/10, Linux 3.18~5.4
Windows 8/8.1/10, Linux 3.18~5.4
Windows 8/8.1/10, Linux 3.18~5.4
GobiNet Driver
Linux 2.6~5.4
\
\
QMI_WWAN Driver
Linux 3.4~5.4
\
\
Electrical Features
Supply Voltage Range
3.135V~4.4V,3.3V Typ.
3.135V~4.4V,3.3V Typ.
3.135V~4.4V,3.3V Typ.
Power Consumption
5.0μA @Power off
3.3mA @LTE Sleep, PF=128
3.0mA @LTE Sleep, PF=256
20mA @Idle
5.0μA @Power off
3.3mA @LTE Sleep, PF=128
3.0mA @LTE Sleep, PF=256
20mA @Idle
5.0μA @Power off
3.3mA @LTE Sleep, PF=128
3.0mA @LTE Sleep, PF=256
20mA @Idle
Quectel EM05 Series
Copyright
© 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com