Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L70-R Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # L70-R
Description  Compact GPS Module with Ultra Low Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L70-R Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  L70-R Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L70-R Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel L70-R
Compact GPS Module
with Ultra Low Consumption
Build a Smarter World
L70-R, a low cost ROM-based GPS module, brings the high performance of MTK positioning engine to the industrial applica-
tions with compact profile, ultra low power consumption and fast positioning capability.
Combining advanced AGPS called EASY™ (Embedded Assist System) technology, L70-R achieves the highest performance and
fully meets the industrial standard. EASY™ technology ensures L70-R can calculate and predict orbits automatically using the
ephemeris data (up to 3 days) stored in internal RAM memory, so L70-R can fix position quickly even at indoor signal levels
with low power consumption.
With its compact design, high precision and sensitivity, L70-R is perfectly suitable for a broad range of M2M applications such
as portable device, automotive, personal tracking, security and industrial PDA.
Key
Benefits
Extremely compact size: 10.1mm × 9.7mm × 2.5mm
Cost efficient for ROM-based version
Ultra low power consumption in tracking mode, 13mA
EASY™, an advanced AGPS technology without external memory
High sensitivity: -165dBm @Tracking, -148dBm @Acquisition
66 acquisition channels, 22 tracking channels
Support QZSS
Balloon mode, for high altitude up to 80km
PPS VS. NMEA can be used for time service
Great anti-jamming performance due to multi-tone active interference
canceller
EASY™ Technology
Ultra Low Power
Consumption
GPS+QZSS
RoHS Compliant
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Extended Temperature
Range: -40°C ~ +85°C
Extremely Compact
Size
Super Tracking
Sensitivity:
-165dBm
Anti-jamming
Quectel
Confidential


Similar Part No. - L70-R

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L70-R QUECTEL-L70-R Datasheet
1Mb / 2P
Compact GPS Module with Built-in LNA and Ultra Low Power Consumption
L70-RL QUECTEL-L70-RL Datasheet
1Mb / 2P
Compact GPS Module with Built-in LNA and Ultra Low Power Consumption
More results

Similar Description - L70-R

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
T-ESTM TAITIEN-T-ESTM Datasheet
379Kb / 2P
Ultra-compact Low Power Consumption Portable Clock
logo
Quectel Wireless Soluti...
BC66 QUECTEL-BC66 Datasheet
491Kb / 2P
Compact LTE Cat NB1 Module with Ultra-low Power Consumption
BC66-NA QUECTEL-BC66-NA Datasheet
494Kb / 2P
Compact LTE Cat NB2 Module with Ultra-low Power Consumption
BC68 QUECTEL-BC68 Datasheet
541Kb / 2P
Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
BC92 QUECTEL-BC92 Datasheet
562Kb / 2P
Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
L70 QUECTEL-L70 Datasheet
1Mb / 2P
Compact GPS Module Ultra Low Consumption Fast Positioning
L70-RL QUECTEL-L70-RL Datasheet
1Mb / 2P
Compact GPS Module with Built-in LNA and Ultra Low Power Consumption
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
L80 QUECTEL-L80 Datasheet
1Mb / 2P
Compact GPS Module Integrated with Patch Antenna
L80-R QUECTEL-L80-R Datasheet
1Mb / 2P
Compact GPS Module Integrated with Patch Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com