Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMITX-RZ-G Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # AMITX-RZ-G
Description  Mini-ITX Embedded Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

AMITX-RZ-G Datasheet(HTML) 1 Page - Adlink Technology Inc.

  AMITX-RZ-G Datasheet HTML 1Page - Adlink Technology Inc. AMITX-RZ-G Datasheet HTML 2Page - Adlink Technology Inc. AMITX-RZ-G Datasheet HTML 3Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AmITX-RZ-G
Mini-ITX Embedded Board with AMD® Ryzen™ APU
Features
AMD® Ryzen™ Embedded V1000 processor family
Up to 32GB dual SODIMM socket DDR4
PCIe x16, PCIe x1, M.2 and Mini-PCIe expansion
4x DisplayPort
Note: “Build option” indicates an alternative BOM configuration to support additional or alternative functions that are not available on the standard product.
Be aware that part numbers for SKUs with “build options” will need to be created and may cause production lead times.
Specifications
Processor & System
CPU
AMD® Ryzen™ Embedded V1000 Processors
AMD® Ryzen™ Embedded V1807B 3.33GHz (3.8GHz Boost), 54W (4C/11CU)
AMD® Ryzen™ Embedded V1756B 3.25GHz (3.6GHz Boost), 54W (4C/8CU)
AMD® Ryzen™ Embedded V1605B 2.0GHz (3.6GHz Boost), 25W (4C/8CU)
AMD® Ryzen™ Embedded V1202B 2.3GHz (3.2GHz Boost), 25W (2C/3CU)
Memory
Dual channel ECC 3200/2400MHz DDR4 memory up to 32 GB in dual vertical
SODIMM sockets
BIOS
AMI EFI in 16MB SPI BIOS
Optional socket SPI BIOS socket onboard and SPI header for external BIOS,
dual BIOS support
TPM
Infineon SLB9665
Board Management Controller
Supports: voltage monitoring, system and CPU temperature monitoring,
smart fan control,logistics and forensic information, general purpose I2C,
watchdog timer
Debug Header
40-pin multipurpose flat cable connector. Use in combination with DB-40
debug module providing BIOS POST code LEDs, BMC access, SPI BIOS
flashing, power testpoints, debug LEDs
I/O Interfaces
Expansion Slots
1x PCIe x16 Gen3 slot (PCIe x8 signal)
1x PCIe x1 Gen3 slot (PCIe 3.0)
1x full-size Mini-PCIe slot (for MSATA device)
1x M.2 (M key, 2242/2260/2280, support NVMe) (PCIe x2 signal)
1 SPI header for external BIOS
Serial ATA
2x SATA 6 Gbps ports
Ports 0 and 1 provide clearance for SATADOMs
USB
4x USB 3.0 and 4x USB 2.0 on rear I/O
2x USB 2.0 on header
1x USB 2.0 on vertical connector with space for dongle
Serial Ports
1x RS-232/422/485 on internal header
3x RS-232 on internal headers
1x CCTALK x2
Digital IO
8 GPIO on internal feature connector
Audio
Audio Codec
Realtek® ALC892
Interfaces
7.1 channel audio via 5 jacks and S/PDIF output on rear I/O
7.1 channel audio signals and S/PDIF output on internal header


Similar Part No. - AMITX-RZ-G

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
AMITX-AL-I ADLINK-AMITX-AL-I Datasheet
298Kb / 4P
Thin Mini-ITX Embedded board
AMITX-BE-G ADLINK-AMITX-BE-G Datasheet
439Kb / 4P
Mini-ITX Embedded Board with AMD Embedded R-Series APU
AMITX-BE-G-RX225FB ADLINK-AMITX-BE-G-RX225FB Datasheet
439Kb / 4P
Mini-ITX Embedded Board with AMD Embedded R-Series APU
AMITX-BE-G-RX225FB-LVDS ADLINK-AMITX-BE-G-RX225FB-LVDS Datasheet
439Kb / 4P
Mini-ITX Embedded Board with AMD Embedded R-Series APU
AMITX-BE-G-RX425BB ADLINK-AMITX-BE-G-RX425BB Datasheet
439Kb / 4P
Mini-ITX Embedded Board with AMD Embedded R-Series APU
More results

Similar Description - AMITX-RZ-G

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
Mini-ITX Embedded Motherboard
EMB-H61A AAEON-EMB-H61A Datasheet
432Kb / 2P
Mini-ITX Embedded Motherboard
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
Mini-ITX Embedded Motherboard
EMB-CV1 AAEON-EMB-CV1_15 Datasheet
331Kb / 2P
Mini-ITX Embedded Motherboard
EMB-H61A AAEON-EMB-H61A_15 Datasheet
432Kb / 2P
Mini-ITX Embedded Motherboard
logo
Advantech Co., Ltd.
AIMB-B2275 ADVANTECH-AIMB-B2275 Datasheet
924Kb / 2P
Embedded Mini-ITX Chassis
logo
Adlink Technology Inc.
AMITX-AL-I ADLINK-AMITX-AL-I Datasheet
298Kb / 4P
Thin Mini-ITX Embedded board
AMITX-HL-G ADLINK-AMITX-HL-G Datasheet
386Kb / 4P
Mini-ITX Embedded Board with Desktop Processor
AMITX-SL-G ADLINK-AMITX-SL-G Datasheet
294Kb / 4P
Mini-ITX Embedded Board with Desktop Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com