Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L76 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # L76
Description  Compact GNSS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L76 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  L76 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L76 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel L76
Compact GNSS Module
Build a Smarter World
L76, the extremely compact GNSS module, is a concurrent GNSS receiver with multiple GNSS systems. It provides
simultaneous GPS, GLONASS, BeiDou, Galileo and QZSS open service L1 reception capability. With 33 tracking channels, 99
acquisition channels, and 210 PRN channels, L76 can acquire and track any mix of multiple satellite signals.
Compared with using GPS only, enabling multiple GNSS systems generally increases the number of visible satellites, reduces
the time to first fix and increases positioning accuracy, especially when driving in rough urban environments.
Combining advanced AGPS called EASY™ (Embedded Assist System) and proven AlwaysLocate™ technology, L76 achieves the
highest performance and fully meets the industrial standard. Additional feature of embedded logger function called LOCUS
allows L76 to log position information to internal flash memory at default intervals of 15 seconds and provide typically more
than 16 hours log capacity without adding cost.
Its super performance makes L76 ideal for automotive, industrial PDA, consumer and industry applications. Extremely low
power consumption makes it easier to be applied to power sensitive devices, especially portable applications.
Key
Benefits
Extremely compact size, 10.1mm × 9.7mm ×2.5mm
Multi-GNSS engine for GPS, GLONASS, BeiDou, Galileo and QZSS
EASY™, an advanced AGPS technology without external memory
Ultra low tracking power consumption, 18mA
AlwaysLocate™, an intelligent algorithm for power saving
LOCUS, an embedded logger solution with no need for host and
external flash
High sensitivity, -165dBm @Tracking, -148dBm @Acquisition
99 acquisition/ 33 tracking channels and 210 PRN channels
Support DGPS, SBAS (WAAS/ EGNOS/ MSAS/ GAGAN)
Anti-Jamming, Multi-tone Active Interference Canceller
Balloon mode, for high altitude up to 80km
PPS VS. NMEA can be used for time service
EASY™ Technology
Ultra Low Power
Consumption
Multi-GNSS Systems
RoHS Compliant
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Extended Temperature
Range: -40°C ~ +85°C
Extremely Compact
Size
Super Tracking
Sensitivity:
-165dBm
Anti-jamming
Quectel
Confidential


Similar Part No. - L76

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
L76-LB QUECTEL-L76-LB Datasheet
1Mb / 2P
Compact GNSS Module
logo
Rhombus Industries Inc.
L764 RHOMBUS-IND-L764 Datasheet
18Kb / 1P
INDUCTOR
01/03/02
logo
Kingbright Corporation
L76761CPWC KINGBRIGHT-L76761CPWC Datasheet
91Kb / 1P
SUPER FLUX LEDS
L76761CSYC KINGBRIGHT-L76761CSYC Datasheet
78Kb / 3P
The Super Bright Yellow source color devices are made with DH InGaAIP on GaAs substrate Light Emitting Diode.
More results

Similar Description - L76

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-GNSS1A1 STMICROELECTRONICS-X-NUCLEO-GNSS1A1 Datasheet
3Mb / 5P
GNSS Module
12-Oct-2018
logo
Quectel Wireless Soluti...
L26 QUECTEL-L26 Datasheet
1Mb / 2P
Compact GNSS Module with Super Sensitivity
L26-DR QUECTEL-L26-DR Datasheet
362Kb / 2P
Compact Multi-Constellation GNSS Module with DR Function
L26-LB QUECTEL-L26-LB Datasheet
1Mb / 2P
Compact GNSS Module
L26-T QUECTEL-L26-T Datasheet
425Kb / 2P
Ultra-Compact GNSS Timing Module
L76-LB QUECTEL-L76-LB Datasheet
1Mb / 2P
Compact GNSS Module
L86 QUECTEL-L86 Datasheet
1Mb / 2P
Compact GNSS Module Integrating Patch Antenna & MT3333 Solution
L89 QUECTEL-L89 Datasheet
1Mb / 2P
Compact IRNSS-enabled GNSS Module
L96 QUECTEL-L96 Datasheet
767Kb / 2P
Extremely Compact GNSS Module with Chip Antenna
LC76F QUECTEL-LC76F Datasheet
187Kb / 2P
Compact GNSS Module
Version: 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com