Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L80-R Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # L80-R
Description  Compact GPS Module Integrated with Patch Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

L80-R Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  L80-R Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. L80-R Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel L80-R
Compact GPS Module
Integrated with Patch Antenna
Build a Smarter World
Key
Benefits
Embedded patch antenna: 15.0mm × 15.0mm × 4.0mm
Extremely compact size: 16.0mm × 16.0mm × 6.45mm
Cost efficient for ROM-based version
Built-in LNA for better sensitivity
EASY™, an advanced AGPS technology without external memory
Ultra low power consumption in tracking mode, 20mA
High sensitivity: -165dBm @Tracking, -148dBm @Acquisition
66 acquisition channels, 22 tracking channels
Support QZSS
Balloon mode, for high altitude up to 80km
PPS VS. NMEA can be used for time service
Anti-Jamming, Multi-tone Active Interference Canceller
Embedded
Patch Antenna
EASY™ Technology
GPS+QZSS
Anti-jamming
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Extended Temperature
Range: -40°C ~ +85°C
Super Tracking
Sensitivity:
-165dBm
High Accuracy
L80-R is an ultra compact GPS POT (Patch on Top) module with an embedded 15.0mm × 15.0mm × 4.0mm patch antenna.
This space-saving design makes L80-R the perfect module for the miniature devices. Adopted by LCC package and integrated
with patch antenna, L80-R has exceptional performance both in acquisition and tracking.
Combining advanced AGPS called EASY™ (Embedded Assist System) technology, L80-R achieves the highest performance and
fully meets the industrial standard. EASY™ technology ensures L80-R can calculate and predict orbits automatically using the
ephemeris data (up to 3 days) stored in internal RAM memory, so L80-R can fix position quickly even at indoor signal levels
with low power consumption.
With its compact design, high precision and sensitivity, L80-R is perfectly suitable for a broad range of M2M applications such
as portable device, automotive, personal tracking, security and industrial PDA, especially suitable for special applications, like
GPS mouse and OBD.
Low Power
Consumption
RoHS Compliant
Quectel
Confidential


Similar Part No. - L80-R

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L80-M39 QUECTEL-L80-M39 Datasheet
1Mb / 2P
Compact GPS Module Integrated with Patch Antenna
More results

Similar Description - L80-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GPS-100 ADVANTECH-GPS-100 Datasheet
321Kb / 1P
Embedded GPS Module with Patch Antenna
logo
List of Unclassifed Man...
GP1575184A02 ETC2-GP1575184A02 Datasheet
532Kb / 8P
Miniature GPS Patch Antenna
logo
Raltron Electronics Cor...
RPA-GP-P-16-OPT-G RALTRON-RPA-GP-P-16-OPT-G Datasheet
147Kb / 2P
GPS PATCH ANTENNA
RPA-GP-P-18-G RALTRON-RPA-GP-P-18-G Datasheet
163Kb / 2P
GPS PATCH ANTENNA
RPA-GP-P-25-OPT-G RALTRON-RPA-GP-P-25-OPT-G Datasheet
144Kb / 1P
GPS PATCH ANTENNA
RPA-PB0B3-G-001 RALTRON-RPA-PB0B3-G-001 Datasheet
178Kb / 2P
GPS PATCH ANTENNA
RPA-PB2-G-001 RALTRON-RPA-PB2-G-001 Datasheet
172Kb / 2P
GPS PATCH ANTENNA
logo
Quectel Wireless Soluti...
L80 QUECTEL-L80 Datasheet
1Mb / 2P
Compact GPS Module Integrated with Patch Antenna
logo
AVX Corporation
1004138 AVX-1004138 Datasheet
279Kb / 2P
GPS Ceramic Patch Antenna with LNA
9/73/2021
1004627 AVX-1004627 Datasheet
658Kb / 4P
GPS/GLONASS Patch Antenna with Cable
9/27/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com