Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC79DA Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # LC79DA
Description  Ultra-Small Dual-Band Multi-Constellation GNSS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

LC79DA Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  LC79DA Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. LC79DA Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quectel LC79D
Notes:
1.
① Preliminary data
2.
② Under planning
3. * Under development
4. ● means supported
Dual-Band GNSS Module
LC79D (A)
LC79D (B)
Region
Global
Global
Dimensions (mm)
10.1mm × 9.7mm × 2.4mm
10.1mm × 9.7mm × 2.4mm
Weight
Approx. 0.42g
Approx. 0.42g
Working Mode
Standalone Mode
Host
Embedded Flash
●
/
Temperature Range
Operation Temperature
-40°C ~ +85°C
-40°C ~ +85°C
Storage Temperature
-40°C ~ +90°C
-40°C ~ +90°C
GNSS Features
Supported Bands
GPS L1 C/A, Galileo E1, QZSS L1: 1575.42MHz
GPS L5, Galileo E5a, QZSS L5: 1176.45MHz
IRNSS L5: 1176.45MHz
GLONASS L1: 1602.5625MHz
BeiDou B1: 1561.098MHz
GPS L1 C/A, Galileo E1, QZSS L1: 1575.42MHz
GPS L5, Galileo E5a, QZSS L5: 1176.45MHz
IRNSS L5: 1176.45MHz
GLONASS L1: 1602.5625MHz
BeiDou B1: 1561.098MHz
Default GNSS Constellation
GPS+BeiDou+GLONASS+Galileo+QZSS+IRNSS
GPS+BeiDou+GLONASS+Galileo+QZSS+IRNSS
Channels
32 Channels
32 Channels
Horizontal Position Accuracy
Autonomous: <1.2m CEP
Autonomous: <1.2m CEP
①
Velocity Accuracy
Without Aid: <0.1m/s
Without Aid: <0.1m/s
①
Acceleration Accuracy
Without Aid: <0.1m/s²
Without Aid: <0.1m/s²
①
TTFF (with AGNSS)
Cold Start: <5s
Cold Start: <5s
①
TTFF (without AGNSS)
Cold Start: <34s
Warm Start: <30s
Hot Start: <2s
Cold Start: <34s
①
Warm Start: <30s
①
Hot Start: <2s*
Sensitivity
Acquisition: -147dBm
Tracking: -163dBm
Reacquisition: -158dBm
Acquisition: -147dBm
①
Tracking: -163dBm
①
Reacquisition: -158dBm
①
Dynamic Performance
Maximum Altitude: Max 18000m
Maximum Velocity: Max 515m/s
Maximum Acceleration: 4g
Maximum Altitude: Max 18000m
①
Maximum Velocity: Max 515m/s
①
Maximum Acceleration: 4g
①
Certifications
Regulatory
CE
CE
Others
RoHS
RoHS
Interfaces
SPI Interface
Multiplexed from UART
②
Up to 50MHz
I2C Interface*
●
●
UART Interface
Adjustable: 115200bps~921600bps
Default: 115200bps
Update Rate: 1Hz
Multiplexed from SPI
②
I/O Voltage
Typical 1.8V
Typical 1.8V
Protocols
NMEA 0183
NMEA 0183
External Antenna Interface
Antenna Type
Passive or Active
Passive or Active
Antenna Power Supply
External or
Internal (through VCC_RF)
External or
Internal (through VCC_RF)
Electrical Features
Supply Voltage Range
1.7V~1.9V, Typical 1.8V
1.7V~1.9V, Typical 1.8V
Current Consumption
(@1.8V)
Normal Operation: 47mA @Acquisition
43mA @Tracking
Power Saving Modes: 200μA @Sleep Mode
17μA @Standby Mode
Normal Operation: 47mA @Acquisition
①
43mA @Tracking
①
Power Saving Modes: 200μA @Sleep Mode
①
17μA @Standby Mode
①
Copyright
© 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com