Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2M Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # M2M
Description  Ultra-small Quad-band GSM/GPRS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

M2M Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  M2M Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. M2M Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ultra-small Quad-band
GSM/GPRS Module
Frequency Bands
Quad-band:
GSM850
EGSM900
DCS1800
PCS1900
Data
GPRS Class 12:
Max. 85.6kbps (Downlink)
Max. 85.6kbps (Uplink)
Coding Schemes:
CS-1, CS-2, CS-3, CS-4
USSD
Non-transparent Mode
SMS
Point-to-point MO and MT
Text and PDU Mode
Voice
Speech Codec Modes:
Half Rate (HR)
Full Rate (FR)
Enhanced Full Rate (EFR)
Adaptive Multi-Rate (AMR)
Echo Arithmetics:
Echo Cancellation
Echo Suppression
Noise Reduction
Interfaces
(U)SIM Interface × 1: 3.0V/ 1.8V
RTC × 1
UART × 3:
Main Port, Debug Port and Auxiliary Port
Analog Audio Channel × 3:
2 Output Channels and 1 Input Channel
ADC × 1
Antenna Pad × 1: GSM Antenna Pad
Enhanced Features
QuecFOTA®
QuecCell
QuecFile
CMUX
DTMF*
OpenCPU*
QuecLocator*
Audio Play/Audio Recording
Electrical & Sensitivity
Output Power:
Class 4 (2W @850/900MHz)
Class 1 (1W @1800/1900MHz)
Consumption:
1.2mA @DRX=5
1.1mA @DRX=9
Sensitivity:
GSM850: -108dBm
EGSM900: -108dBm
DCS1800: -107dBm
PCS1900: -107dBm
Supply Voltage:
3.45V~4.25V, Typ. 4.0V
Software Features
Protocols: TCP/ UDP/ PPP/ HTTP/ NTP/ PING/
IPv6/ TTS/ FTP/ SSL/ MQTT/ HTTPS
General Features
GPRS Multi-slot Class: Class 12
GPRS Mobile Station: Class B
Extended Temperature: -40°C ~ +85°C
Dimensions: 17.7mm × 15.8mm × 2.4mm
LCC Package
Weight: Approx. 1.1g
GSM 07.07, 07.05 and other Enhanced AT
Commands
Approvals
Regulatory:
CE (Europe)
Others:
RoHS Compliant
* Under Development.
Quectel M65
15.8mm
2.4mm
Copyright © 2019 Quectel Wireless Solutions Co., Ltd. All Rights Reserved
http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com