Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR540DC-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MUR540DC-R
Description  ULTRAFST RECOVERY RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MUR540DC-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MUR540DC-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MUR540DC-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MUR540DC-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MUR540DC-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MUR540AC-FAC-DC
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
ULTRAFST RECOVERY RECTIFIERS
Reverse Voltage - 400 V
Forward Current - 5 A
FEATURES
High speed switching capability
High current capability
High forward surge capability
Low power losses,High efficiency
For use in low voltage, high frequency inverters
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: TO-220AC TO-220FAC TO-263/DC
Solder bath temperature275℃maximum,10s per JESD22-106
 
 
 
 
 
 
 
Primary Characteristic
Io
5A
VRRM
400V
IFSM
70A
VF
1.05V
TJ Max
150°C
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
Parameter
Symbols
Value
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
400
V
Maximum RMS voltage
VRMS
400
V
Maximum DC Blocking Voltage
VDC
400
V
Maximum Average Forward Rectified Current
Io
5
A
Peak Forward Surge Current, 8.3ms Single Half Sine-wave
IFSM
70
A
Operating Temperature Range
TJ
-40 ~ +150
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
Typical Thermal Resistance (Note1) TO-220AC TO-263/DC TO-220FAC
RθJA/ RθJC
2/4
°C/W
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
Symbols
Value
Units
Forward Voltage Drop(Note2)
Typ
Max
TA=25°C
1.01
-
at IF=2A
TA=125°C
0.87
-
TA=25°C
1.17
1.39
at IF=5A
TA=125°C
VF
1.05
-
V
TA=25°C
0.1
1
uA
Maximum Reverse Current at VR=400V
TA=125°C
IR
10
-
uA
Maximum Reverse Recovery Time at IF=0.5A, IR=1A, IRR=0.25A
TRR
-
35
nS
Note2:Pulse test: 300 μs pulse width, 1 % duty cycle


Similar Part No. - MUR540DC-R

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MUR540D BILIN-MUR540D Datasheet
132Kb / 4P
SUPER FAST RECTIFIERS
Rev.A
logo
Jinan Jing Heng Electro...
MUR540D2 JINGHENG-MUR540D2 Datasheet
47Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
More results

Similar Description - MUR540DC-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MUR3060PT YFWDIODE-MUR3060PT Datasheet
574Kb / 3P
ULTRAFST RECOVERY RECTIFIERS
MUR560 YFWDIODE-MUR560 Datasheet
1Mb / 4P
ULTRAFST RECOVERY RECTIFIERS
MUR1060CT YFWDIODE-MUR1060CT Datasheet
843Kb / 3P
ULTRAFST RECOVERY RECTIFIERS
MUR1620CT YFWDIODE-MUR1620CT Datasheet
1Mb / 4P
ULTRAFST RECOVERY RECTIFIERS
MUR2040CT YFWDIODE-MUR2040CT Datasheet
1Mb / 4P
ULTRAFST RECOVERY RECTIFIERS
MUR3040AC YFWDIODE-MUR3040AC Datasheet
1Mb / 4P
ULTRAFST RECOVERY RECTIFIERS
MUR3060CT YFWDIODE-MUR3060CT Datasheet
1Mb / 4P
ULTRAFST RECOVERY RECTIFIERS
MUR5030PT YFWDIODE-MUR5030PT Datasheet
742Kb / 3P
ULTRAFST RECOVERY RECTIFIERS
MUR5040PT YFWDIODE-MUR5040PT Datasheet
747Kb / 3P
ULTRAFST RECOVERY RECTIFIERS
MUR3020CT YFWDIODE-MUR3020CT Datasheet
804Kb / 4P
ULTRAFST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com