Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR560DC-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MUR560DC-R
Description  ULTRAFST RECOVERY RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MUR560DC-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MUR560DC-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MUR560DC-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MUR560DC-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MUR560DC-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MUR560AC-FAC-DC
2 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
RATINGS AND CHARACTERISTIC CURVES
Marking on the body
Ordering information
Part Number
Package
Unit Weight
Base Quantity
Delivery mode
MUR560
TO-220AC
0.067oz(1.9g)
50 pcs / tube
1000pcs/box 5000pcs/carton
MUR560F
TO-220FAC
0.06oz(1.7g)
50 pcs / tube
1000pcs/box 5000pcs/carton
MUR560DC
TO-263
0.04oz(1.16g)
50 pcs / tube
1000pcs/box 5000pcs/carton
MUR560DC-R
TO-263
0.04oz(1.16g)
800 pcs / reel
800pcs/box4000pcs/carton
Note: For Halogen Free molding compound, add "H" suffix to part number above.
8.3ms Single Half Sine Wave
JEDEC Method
TA=125℃
TA=25℃
TA=25℃
TA=125℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com