Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS5CMCFP Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSS5CMCFP
Description  Sales Outline Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSS5CMCFP Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSS5CMCFP Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
*Ipk = Instantaneous Peak
Silent
2500 ± 300Hz
150 to 4000 Hz
2500 ± 300Hz
Operating Temperature:
-30° to +55° C
Frequency:
Housing Material:
Valox (UL94V-0), Octagonal, Black
Storage Temperature:
-30° to +60° C
Ipk Current*:
400mA
Connection:
Connect " + " to " + "
& " - " to " - " of
Power Supply
Connect " + " to " + " &
" - " & Low to " - " of
Power Supply
PATENT NUMBER: 7880593
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Weight Typical:
6.0g
Options:
Please contact factory.
Dimensions:
Inches [mm]
cUL Recognized
ROHS Compliant
Connect " + " to " + "
& " - " & Medium to
" - " of Power Supply
Connect " + " to " + "
& " - " & High to " - "
of Power Supply
Voltage Rating:
5 ± 0.5 VDC
Average Current Draw:
<20mA Typ.
<225mA Typ.
<70mA Typ.
<225mA Typ.
Sound Level Category:
Silent
Loud
Loud
Loud
Mode of Operation:
Silent
Continuous
Medium Priority
Alarm - 3 beeps
repeating
every 7.5 sec
Fast Pulse @ 10PPS
Loudness @ 10cm:
Silent
85 to 95 dB(A) Typ.
85 to 95 dB(A) Typ.
85 to 95 dB(A) Typ.
cUL Recognized to IEC60601-1-8
Mallory Sonalert Products,Inc.
MSS5CMCFP
Sales Outline Drawing
A
Specifications:
Cardiac Melody
SONALERT
Made in U.S.A.
R


Similar Part No. - MSS5CMCFP

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSS5CMCMP MSPI-MSS5CMCMP Datasheet
72Kb / 1P
Sales Outline Drawing
MSS5CMCSP MSPI-MSS5CMCSP Datasheet
72Kb / 1P
Sales Outline Drawing
More results

Similar Description - MSS5CMCFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
Sales Outline Drawing
logo
Mallory Sonalert Produc...
AST100Q MSPI-AST100Q Datasheet
93Kb / 1P
Sales Outline Drawing
AST100TRQ MSPI-AST100TRQ Datasheet
93Kb / 1P
Sales Outline Drawing
AST501Q MSPI-AST501Q Datasheet
110Kb / 1P
Sales Outline Drawing
AST0727MW-3.6ATRQ MSPI-AST0727MW-3.6ATRQ Datasheet
172Kb / 1P
Sales Outline Drawing
AST0927ME-05TRQ MSPI-AST0927ME-05TRQ Datasheet
100Kb / 1P
Sales Outline Drawing
AST0927MW-03Q MSPI-AST0927MW-03Q Datasheet
118Kb / 1P
Sales Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com