Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLLE2001AP Datasheet(PDF) 5 Page - Kemet Corporation

Part # FLLE2001AP
Description  Single phase EMI Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLE2001AP Datasheet(HTML) 5 Page - Kemet Corporation

  FLLE2001AP Datasheet HTML 1Page - Kemet Corporation FLLE2001AP Datasheet HTML 2Page - Kemet Corporation FLLE2001AP Datasheet HTML 3Page - Kemet Corporation FLLE2001AP Datasheet HTML 4Page - Kemet Corporation FLLE2001AP Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KEMET EMC Filters
5
FLLE2 – P
Single phase EMI Filter
Single phase EMC Filter
May 2020
1A, 3A, 6A and 10A
13A and 16A
20A and 25A
32A
Legal disclaimer notice
All product specifications, statements, information and data (collectively, the “information”)
are subject to change without notice.
All information given herein is believed to be accurate and reliable, but is presented
without guarantee, warranty, or responsibility of any kind, expressed or implied.
Statements of suitability for certain applications are based on our knowledge of typical
operating conditions for such applications, but are not intended to constitute – and we
specifically disclaim – any warranty concerning suitability for a specific customer application
or use.
This information is intended for use only by customers who have the requisite experience
and capability to determine the correct products for their applications. Any technical advice
inferred from this information or otherwise provided by us with reference to the use of our
products is given gratis, and we assume no obligation or liability for the advice given or
results obtained.
Although we design and manufacture our products to the most stringent quality and
safety standards, given the current state of the art, isolated component failures may still
occur. Accordingly, customer applications which require a high degree of reliability or
safety should employ suitable designs or other safeguards (such as installation of
protective circuitry or redundancies) in order to ensure that failure of an electrical
component does not result in a risk of personal injury or property damage.
Although all product-related warnings, cautions and notes must be observed, the
customer should not assume that all safety measures are indicated or that other
measures may not required



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com