Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLLE2-R Datasheet(PDF) 1 Page - Kemet Corporation

Part # FLLE2-R
Description  Single phase EMI Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLE2-R Datasheet(HTML) 1 Page - Kemet Corporation

  FLLE2-R Datasheet HTML 1Page - Kemet Corporation FLLE2-R Datasheet HTML 2Page - Kemet Corporation FLLE2-R Datasheet HTML 3Page - Kemet Corporation FLLE2-R Datasheet HTML 4Page - Kemet Corporation FLLE2-R Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KEMET EMC Filters
1
FLLE2 – R
Single phase EMI Filter
Single phase EMC Filter
May 2020
Overview
General purpose, single phase filter series with high attenuation. Chassis
mount for fast mounting, metal case filled with self-extinguishing resin.
Fast-on or screw terminals available and options with flexible wire
connections. Medical versions available without y-capacitors for no
leakage current.
Technical specifications
Typical electrial schematics
Components
Item
Parameters/
Characteristics
Rated Voltage
300 VAC/ VDC
Rated Frequency
50 - 60 Hz
Rated Current
1 - 32 A
Rated Temperature
40°C
Temperature range
-25°Cto 100°C
Climate Category
25/ 100/ 21
P -> N 1300 VDC
P/ N -> E 2250 VDC
Voltage Test
Part Number
Rated Current
@ 40°C
Leakage
Current *)
CX1
R
L1
CY1
CX2
L2
(A)
(mA)
(µF)
(M
Ω)
(mH)
(nF)
(µF)
(mH)
FLLE2001AR(1)(2)
1
0.37
0.22
1
12
4.7
0.22
12
FLLE2003AR(1)(2)
3
0.37
0.22
1
2.5
4.7
0.22
2.5
FLLE2006AR(1)(2)
6
0.37
0.22
1
1
4.7
0.22
1
FLLE2010AR(1)(2)
10
0.37
0.47
0.47
1
4.7
0.47
1
FLLE2013AR(1)(2)
13
0.37
0.47
0.47
0.6
4.7
0.47
0.6
FLLE2016AR(1)(2)
16
0.37
0.47
0.47
0.6
4.7
0.47
0.6
FLLE2020AR(1)(2)
20
0.37
1
0.22
0.8
4.7
1
0.8
FLLE2025AR(1)(2)
25
0.37
1
0.22
0.8
4.7
1
0.8
FLLE2032AR(1)(2)
32
0.79
1
0.22
0.8
10
1
0.8
(1) D= Standard, M = Medical
(2) B = Fast-on (1-16A), I = Threaded (20-32A), D= Wire (1-32A)
*) Leakage current @250 VAC/ 50 Hz acc. to IEC60939-3. Medical version without C
Y-capacitors, no leakage current.
RoHS
Compliant


Similar Part No. - FLLE2-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLE2-P KEMET-FLLE2-P Datasheet
898Kb / 5P
Single phase EMI Filter
FLLE2-Q KEMET-FLLE2-Q Datasheet
885Kb / 5P
Single phase EMI Filter
FLLE2-S KEMET-FLLE2-S Datasheet
898Kb / 6P
Single phase EMI Filter
FLLE2-U KEMET-FLLE2-U Datasheet
977Kb / 5P
Single phase EMI Filter
More results

Similar Description - FLLE2-R

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
CC-1448-12 JMK-CC-1448-12 Datasheet
47Kb / 1P
single phase filter
logo
List of Unclassifed Man...
FN2010-6-06 ETC2-FN2010-6-06 Datasheet
201Kb / 5P
General Purpose EMI Filter Single-Phase Filters FN 2010
FN2080-16-07 ETC2-FN2080-16-07 Datasheet
182Kb / 5P
Multi-stage High Performance EMI Filter Single-Phase Filters FN 2080
FN2060-12-06 ETC2-FN2060-12-06 Datasheet
236Kb / 5P
Multi-stage General Purpose EMI Filter Single-Phase Filters FN 2060
FN2070-16-07 ETC2-FN2070-16-07 Datasheet
260Kb / 5P
Multi-stage Performance EMI Filter Single-Phase Filters FN 2070
logo
Kemet Corporation
FLLE2-P KEMET-FLLE2-P Datasheet
898Kb / 5P
Single phase EMI Filter
FLLE2-Q KEMET-FLLE2-Q Datasheet
885Kb / 5P
Single phase EMI Filter
FLLE2-S KEMET-FLLE2-S Datasheet
898Kb / 6P
Single phase EMI Filter
FLLE2-U KEMET-FLLE2-U Datasheet
977Kb / 5P
Single phase EMI Filter
logo
TE Connectivity Ltd
AHV TEC-AHV Datasheet
3Mb / 26P
THREE PHASE HIGH PERFORMANCE EMI FILTER
08/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com