Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCIS-3300BLS Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # CPCIS-3300BLS
Description  9U Blade Server for 12 Blades with Dual Fabric Switch Slots
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

CPCIS-3300BLS Datasheet(HTML) 2 Page - Adlink Technology Inc.

  CPCIS-3300BLS Datasheet HTML 1Page - Adlink Technology Inc. CPCIS-3300BLS Datasheet HTML 2Page - Adlink Technology Inc. CPCIS-3300BLS Datasheet HTML 3Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Drive Bay
None
Cooling System
Five fans for front-access intake: Rated speed for each fan: 4000 ±500 RPM
Rated power for each fan: 2.64 W
Maximum Air Flow: 48.2 CFM
Five fans for front-access intake: Rated speed for each fan: 4000 ±500 RPM
Rated power for each fan: 2.64 W
Maximum Air Flow: 48.2 CFM
Physical
Dimensions: 483.2 x 399 x 339.1 (mm, W x H x D, w/ handle)
Weight: 23 kg/50.7 lbs (including redundant power supply and backplane only)
Operating Temp.
0˚C to 55˚C (dependent on system configurations)
Storage Temp.
-20˚C to 80˚C
Humidity
5% to 95%, non-condensing
Shock
15 G peak-to-peak, 11 ms duration, non-operation
Vibration
Non-operation: 1.88 Grms, 5-500 Hz, each axis
Operation: 0.5 Grms, 5-500 Hz, each axis, tested with 2.5” HDD
NEBS: Designed for NEBS Level 3
Mechanical Layout
Rear View
Five Fan Trays
for ventilation
Five Fan Trays
for intake
Three 400 W
CompactPCI®
PSUs
Internal Air Filter
AC Inlet with fuse
Power Switch
12 Node Slots
Two Fabric Slots
One CMM Slot
(optional)
LED Indicator
Power Switch
Reset Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com