Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMBF110C Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P6SMBF110C
Description  Surface mount transient voltage suppressor power 600 watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P6SMBF110C Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P6SMBF110C Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF110C Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF110C Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF110C Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P6SMBF110C Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMBFJ6.8A(CA) THRU SMBFJ550A(CA) SMBF
3 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Characteristics at Ta = 25
°C
Table 1
Type
Reverse
Stand-off
Voltage
Breakdown
Voltage
VRMW
VBR @ I
T
Min
Max
V
V
V
Test
Current
Reverse
Leakage
Max. Clamp
Voltage
Peak Pulse
Current
I
T
mA
μA
IR @ V
RWM
VC @ I
PP
I
PP
V
A
UNI
BI
μA
UNI
BI
SMBF
Package
Device Marking Ccode
UNI
BI
600W Transient Voltage Suppresso
P6SMBF62
P6SMBF62A
P6SMBF68
P6SMBF68A
P6SMBF75
P6SMBF75A
P6SMBF82
P6SMBF82A
P6SMBF91
P6SMBF91A
P6SMBF100
P6SMBF100A
P6SMBF110
P6SMBF110A
P6SMBF120
P6SMBF120A
P6SMBF130
P6SMBF130A
P6SMBF150
P6SMBF150A
P6SMBF160
P6SMBF160A
P6SMBF170
P6SMBF170A
P6SMBF180
P6SMBF180A
P6SMBF200
P6SMBF200A
P6SMBF220
P6SMBF220A
P6SMBF250
P6SMBF250A
P6SMBF300A
P6SMBF350A
P6SMBF400A
P6SMBF62C
P6SMBF62CA
P6SMBF68C
P6SMBF68CA
P6SMBF75C
P6SMBF75CA
P6SMBF82C
P6SMBF82CA
P6SMBF91C
P6SMBF91CA
P6SMBF100C
P6SMBF100CA
P6SMBF110C
P6SMBF110CA
P6SMBF120C
P6SMBF120CA
P6SMBF130C
P6SMBF130CA
P6SMBF150C
P6SMBF150CA
P6SMBF160C
P6SMBF160CA
P6SMBF170C
P6SMBF170CA
P6SMBF180C
P6SMBF180CA
P6SMBF200C
P6SMBF200CA
P6SMBF220C
P6SMBF220CA
P6SMBF250C
P6SMBF250CA
50.2
53
55.1
58.1
60.7
64.1
66.4
70.1
73.7
77.8
81
85.5
89.2
94
97.2
102
105
111
121
128
130
136
138
145
146
154
162
171
175
185
202
214
256
300
342
55.8
58.9
61.2
64.6
67.5
71.3
73.8
77.9
81.9
86.5
90
95
99
105
108
114
117
124
135
143
144
152
153
162
162
171
180
190
198
209
225
237
285
332
380
68.2
65.1
74.8
71.4
82.5
78.8
90.2
86.1
100
95.5
110
105
121
116
132
126
143
137
165
158
176
168
187
179
198
189
220
210
242
231
275
263
315
368
420
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
89
85
98
92
108
103
118
113
131
125
144
137
158
152
173
165
187
179
215
207
230
219
244
234
258
246
287
274
344
328
360
344
414
482
548
6.8
7.1
6.1
6.5
5.5
5.8
5.1
5.3
4.5
4.8
4.2
4.4
3.8
4
3.5
3.6
3.2
3.3
2.8
2.9
2.6
2.7
2.5
2.6
2.3
2.4
2.1
2.2
1.8
1.9
1.7
1.8
1.5
1.3
1.1
62
62A
68
68A
75
75A
82
82A
91
91A
100
100A
110
110A
120
120A
130
130A
150
150A
160
160A
170
170A
180
180A
200
200A
220
220A
250
250A
300A
350A
400A
62C
62CA
68C
68CA
75C
75CA
82C
82CA
91C
91CA
100C
100CA
110C
110CA
120C
120CA
130C
130CA
150C
150CA
160C
160CA
170C
170CA
180C
180CA
200C
200CA
220C
220CA
250C
250CA
-
-
-
P6SMBF440A
P6SMBF480A
P6SMBF510A
P6SMBF530A
P6SMBF540A
P6SMBF550A
-
-
-
-
-
-
440A
480A
510A
530A
540A
550A
376
408
434
450
459
467
418
456
485
504
513
523
462
504
535
556
567
577
1
1
1
1
1
1
1
1
1
1
1
1
602
658
698
725
740
760
1
0.9
0.9
0.8
0.8
0.8
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com