Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBS40C Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PBS40C
Description  Transformer / Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PBS40C Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PBS40C Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PBS40C Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PBS40C Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.prewell.com
2
Products and product information are subject to change without notice.
Version 0.3
SJM PREWELL
PBS40C
Transformer / Splitter
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
VSWR_S
VSWR_1
VSWR_2
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
30
40
50
25℃
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2
3
4
5
6
7
S-1
S-2
Frequency (GHz)
Frequency(MHz)
Total Loss (dB)
Amplitude
Unbalance(dB)
Isolation
Phase
Unbalance(deg.)
VSWR S
VSWR 1
VSWR 2
S-1
S-2
50
3.52
3.53
0.01
17.7
0.20
1.98
1.53
1.52
100
3.52
3.53
0.01
17.76
0.34
1.98
1.53
1.53
500
3.56
3.68
0.13
19.96
1.27
1.99
1.61
1.64
1000
3.59
3.93
0.34
25.32
1.63
1.97
1.75
1.85
1300
3.61
4.07
0.47
31.67
1.48
1.93
1.85
1.99
1500
3.64
4.18
0.54
36.73
1.39
1.89
1.93
2.11
1700
3.63
4.22
0.59
33.15
1.34
1.82
1.97
2.19
2000
3.69
4.35
0.67
26.27
1.18
1.70
2.05
2.33
2300
3.79
4.52
0.73
22.29
1.23
1.61
2.13
2.45
2500
3.83
4.55
0.72
20.22
1.31
1.56
2.19
2.54
2700
3.92
4.64
0.72
18.60
1.49
1.54
2.27
2.63
3000
4.13
4.84
0.71
16.67
1.62
1.58
2.37
2.74
3300
4.40
5.06
0.66
15.25
1.86
1.68
2.52
2.86
3500
4.57
5.18
0.61
14.45
1.88
1.77
2.61
2.92
3700
4.84
5.35
0.51
13.88
2.56
1.88
2.70
2.98
4000
5.17
5.59
0.43
13.16
2.96
1.99
2.74
3.02
Performance Data
Total Loss = Insertion Loss + 3dB Splitter loss.
Total Loss vs. Frequency
Isolation vs. Frequency
VSWR vs. Frequency



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com