Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2502 Datasheet(PDF) 5 Page - Microchip Technology

Part # TP2502
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP2502 Datasheet(HTML) 5 Page - Microchip Technology

  TP2502 Datasheet HTML 1Page - Microchip Technology TP2502 Datasheet HTML 2Page - Microchip Technology TP2502 Datasheet HTML 3Page - Microchip Technology TP2502 Datasheet HTML 4Page - Microchip Technology TP2502 Datasheet HTML 5Page - Microchip Technology TP2502 Datasheet HTML 6Page - Microchip Technology TP2502 Datasheet HTML 7Page - Microchip Technology TP2502 Datasheet HTML 8Page - Microchip Technology TP2502 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2019 Microchip Technology Inc.
DS20005962A-page 5
TP2502
FIGURE 2-7:
BVDSS Variation with
Temperature
-50
0
50
100
150
1.1
1.0
0.9
T
j (
OC)
.
0
-2
-4
-6
-8
-10
-5
-4
-3
-2
-1
0
T
A = -55
OC
150OC
25OC
V
DS = -15V
V
GS (volts)
FIGURE 2-8:
Transfer Characteristics.
200
150
100
50
0
0
-10
-20
-30
-40
f = 1.0MHz
V
DS (volts)
C
ISS
C
OSS
C
RSS
FIGURE 2-9:
Capacitance vs.
Drain-to-Source Voltage.
FIGURE 2-10:
5
4
3
2
1
0
V
GS = -5.0V
0
-1
-2
-3
-4
-5
I
D (amperes)
V
GS = -10V
On-Resistance vs. Drain
Current.
1.4
1.2
0.8
0.6
2.0
1.6
1.2
0.8
0.4
0
-50
0
50
100
150
V
(th) @ -1mA
R
DS(ON) @ -10V, -1.0A
T
j (
OC)
FIGURE 2-11:
V(th) and RDS Variation with
Temperature.
-10
-8
-6
-4
-2
0
0
0.5
1.0
1.5
2.0
2.5
80 pF
200 pF
Q
G (nanocoulombs)
V
DS = -40V
V
DS = -10V
FIGURE 2-12:
Gate Drive Dynamic
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com