Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3341CPTR Datasheet(PDF) 16 Page - Microchip Technology

Part # USB3341CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3341CPTR Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB3341CPTR Datasheet HTML 12Page - Microchip Technology USB3341CPTR Datasheet HTML 13Page - Microchip Technology USB3341CPTR Datasheet HTML 14Page - Microchip Technology USB3341CPTR Datasheet HTML 15Page - Microchip Technology USB3341CPTR Datasheet HTML 16Page - Microchip Technology USB3341CPTR Datasheet HTML 17Page - Microchip Technology USB3341CPTR Datasheet HTML 18Page - Microchip Technology USB3341CPTR Datasheet HTML 19Page - Microchip Technology USB3341CPTR Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
USB334x
DS00002646A-page 16
 2009-2018 Microchip Technology Inc.
Note 4-1
ClockSuspendM bit = 0.
Note 4-2
SessEnd, VbusVld, and IdFloat comparators disabled. STP Interface protection disabled.
Note 4-3
REFCLK is OFF
4.2
Clock Specifications
The model number for each frequency of REFCLK is provided in "Product Identification System", Example a.
4.3
ULPI Interface Timing
RESET Mode
Note 4-3
IVBAT(RSTB)
RESETB = 0
VVBAT = 4.2V
VVDDIO = 1.8V
0.1
1
12
uA
IVIO(RSTB)
00
7
uA
TABLE 4-3:
CLOCK SPECIFICATIONS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Suspend Recovery Time
TSTART
LPM Enable = 0
1.0
1.1
1.2
ms
TSTART_LPM
LPM Enable = 1
125
150
uS
PHY Preparation Time
60 MHz REFCLK
TPREP
LPM Enable = 0
1.0
1.1
1.2
ms
TPREP_LPM
LPM Enable = 1
125
150
uS
CLKOUT Duty Cycle
DCCLKOUT
ULPI Clock Input Mode
45
55
%
REFCLK Duty Cycle
DCREFCLK
20
80
%
REFCLK Frequency Accuracy
FREFCLK
-500
+500
PPM
Note:
•TSTART and TPREP are measured from the time when REFCLK and RESETB are both valid to when the
USB334x de-asserts DIR.
• The USB334x uses the AutoResume feature, Section 6.4.1.4, "Host Resume K," on page 53, to allow a host
start-up time of less than 1ms.
TABLE 4-4:
ULPI INTERFACE TIMING
Parameter
Symbol
Conditions
MIN
MAX
Units
60 MHz ULPI Output Clock Note 4-4
Setup time (STP, data in)
TSC, TSD
Model-specific REFCLK
5.0
ns
Hold time (STP, data in)
THC, THD
Model-specific REFCLK
0.0
ns
Output delay (control out, 8-bit data out)
TDC, TDD
Model-specific REFCLK
1.5
6
ns
60 MHz ULPI Input Clock
Setup time (STP, data in)
TSC, TSD
60 MHz REFCLK
3ns
Hold time (STP, data in)
THC, THD
60 MHz REFCLK
0ns
Output delay (control out, 8-bit data out)
TDC, TDD
60 MHz REFCLK
0.5
6.0
ns
TABLE 4-2:
OPERATING CURRENT (USB3343) (CONTINUED)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com