Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2412K-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC2412K-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC2412K-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC2412K-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2412K-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2412K-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2412 SOT-23
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Features
Low Cob.Cob=2.0pF (Typ.)
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-
r
o
t
c
e
ll
o
C
CBO
60
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-
r
o
t
c
e
ll
o
C
CEO
50
V
V
e
g
a
tl
o
v
e
s
a
b
-
r
e
tt
i
m
E
EBO
7
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
0.15
A
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
r
o
t
c
e
ll
o
C
C
0.2
W
0
5
1
j
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
Electrical Characteristics Ta = 25
■
hFE Classification
Type
2SC2412/K-Q
2SC2412/K-R
2SC2412/K-S
Range
120-270
180-390
270-560
Marking
BQ
BR
BS
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 50 μA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
50
Emitter - base breakdown voltage
VEBO
IE= 50μA, IC= 0
7
Collector-base cut-off current
ICBO
VCB= 60 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 7V , IC=0
100
Collector-emitter saturation voltage
VCE(sat) IC=50 mA, IB=5mA
0.4
Base - emitter saturation voltage
VBE(sat) IC=50 mA, IB=5mA
1.2
DC current gain
hFE
VCE= 6V, IC= 1mA
120
560
Collector output capacitance
Cob
VCB= 12V, IE= 0,f=1MHz
2
3.5
pF
Transition frequency
fT
VCE= 12V, IE = -2mA,f=100MHz
80
MHz
V
nA
V
NPN Transistors
1
2
3
1.Base
2.Emitter
3.Collector
■
Simplified outline(SOT-23)


Similar Part No. - 2SC2412K-R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2412K ROHM-2SC2412K Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K Datasheet
248Kb / 5P
NPN General Purpose Transistors
logo
Rohm
2SC2412K ROHM-2SC2412K Datasheet
89Kb / 4P
General purpose transistor (50V, 0.15A)
2SC2412K ROHM-2SC2412K Datasheet
120Kb / 4P
General purpose transistor(50V, 0.15A)
logo
Guangdong Kexin Industr...
2SC2412K KEXIN-2SC2412K Datasheet
103Kb / 3P
General Purpose Transistor
More results

Similar Description - 2SC2412K-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com