Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFRBUP-S Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # AFRBUP-S
Description  On/Off, Spring Return, AC 24...240 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AFRBUP-S Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  AFRBUP-S Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AFRBUP-S Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data sheet
AFRBUP-S
www.belimo.com
AFRBUP-S • en-us • 2020-09-22 • Subject to change
2 / 2
Electrical installation
INSTALLATION NOTES
Actuators with appliance cables are numbered.
Universal Power Supply (UP) models can be supplied with 24 VAC up to 240 VAC, or 24 VDC up to 125 VDC.
Provide overload protection and disconnect as required.
Two built-in auxiliary switches (2x SPDT), for end position indication, interlock control, fan startup, etc.
Actuators may be powered in parallel. Power consumption must be observed.
Parallel wiring required for piggy-back applications.
Meets cULus requirements without the need of an electrical ground connection.
Warning! Live Electrical Components!
During installation, testing, servicing and troubleshooting of this product, it may be necessary to work
with live electrical components. Have a qualified licensed electrician or other individual who has been
properly trained in handling live electrical components perform these tasks. Failure to follow all electrical
safety precautions when exposed to live electrical components could result in death or serious injury.
Apply only AC line voltage or only UL-Class 2 voltage to the terminals of auxiliary switches. Mixed or
combined operation of line voltage/safety extra low voltage is not allowed.
Wiring diagrams
On/Off
Auxiliary Switches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com