Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2712 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC2712
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC2712 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC2712 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2712 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2712 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2712 SOT-23
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Typlcal Characteristics
1
1
0
0.1
1
10
100
1
1
0
10
100
1000
1
10
100
0
100
200
300
400
1
10
100
0.0
0.1
0.2
0.3
0
2
4
6
8
10
0
2
4
6
8
10
0
25
50
75
100
125
150
0
50
100
150
200
1
10
100
0.0
0.4
0.8
1.2
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
0.2
20
f=1MHz
I
E=0/ IC=0
Ta=25℃
V
CB/ VEB
C
ob/ Cib
——
Cob
Cib
REVERSE VOLTAGE V
R
(V)
3
COMMON EMITTER
V
CE=10V
Ta=25
oC
70
30
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
VCE=6V
0.5
150
I
C
Ta=25℃
Ta=100℃
COLLECTOR CURRENT I
C
(mA)
150
β=10
Ta=100℃
Ta=25℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
Ta=25℃
50uA
45uA
40uA
35uA
30uA
25uA
20uA
15uA
10uA
I
B=5uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Pc —— Ta
AMBIENT TEMPERATURE Ta ( )
℃
I
C
f
T
——
V
BE
I
C
——
h
FE
——
150
β=10
I
C
V
BEsat
——
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
VCE=6V
150
Ta=100℃
Ta=25℃
BASE-EMMITER VOLTAGE V
BE (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com