Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2714-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC2714-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC2714-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC2714-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2714-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2714-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2714 SOT-23
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Features
●
Collector Current Capability IC=20mA
●
Collector Emitter Voltage VCEO=30V
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
40
Collector - Emitter Voltage
VCEO
30
Emitter - Base Voltage
VEBO
4
Collector Current - Continuous
IC
20
mA
Collector Power Dissipation
PC
100
mW
Thermal Resistance from Junction to Ambient
RθJA
1000
℃
/W
Junction Temperature
TJ
125
Storage Temperature Range
Tstg
-55 to 125
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
40
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
30
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
4
Collector-base cut-off current
ICBO
VCB= 18 V , IE= 0
0.5
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.5
Collector-emitter saturation voltage
VCE(sat) IC=100 mA, IB=10mA
0.4
Base - emitter saturation voltage
VBE(sat) IC=100 mA, IB=10mA
1.2
DC current gain
hFE
VCE= 6V, IC= 1mA
40
200
Noise Figure
NF
VCE= 6V, IE= -1mA,f=100MHz
2.5
5
dB
Reverse Transfer capacitance
Cre
VCB= 6V, IE= 0,f=1MHz
0.7
pF
Transition frequency
fT
VCE= 6V, IC= 1mA
550
MHz
V
uA
V
■
Classification of hfe
Type
2SC2714-R
2SC2714-O
2SC2714-Y
Range
40-80
70-140
100-200
Marking
QR
QO
QY
1
2
3
1.Base
2.Emitter
3.Collector
■
Simplified outline(SOT-23)
NPN Transistors
■


Similar Part No. - 2SC2714-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2714-R TOSHIBA-2SC2714-R Datasheet
548Kb / 8P
High Frequency Amplifier Applications FM, RF, MIX, IF Amplifier Applications
logo
Guangdong Kexin Industr...
2SC2714-R KEXIN-2SC2714-R Datasheet
1Mb / 2P
NPN Transistors
2SC2714-R-HF KEXIN-2SC2714-R-HF Datasheet
1Mb / 2P
NPN Transistors
2SC2714-R-HF KEXIN-2SC2714-R-HF Datasheet
1Mb / 2P
NPN Transistors
More results

Similar Description - 2SC2714-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com