Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2873 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC2873
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC2873 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC2873 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2873 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2873 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2873 SOT-89
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
0
0
0
1
0
0
1
0
1
0
1
1
1
.
0
1
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
0
0
0
1
0
0
1
0
1
1
10
100
1000
0
0
0
1
0
0
1
0
1
10
100
1000
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
600
700
800
900
1000
1000
V
BEsat
—— I
C
T
a=25
℃
T
a=100
℃
β=20
COLLECTOR CURRENT I
C
(mA)
300
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
C
ob/Cib
—— V
CB/VEB
REVERSE VOLTAGE V (V)
20
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
T
a=100
℃
T
a=25
℃
300
30
3
V
CE=2V
I
C
—— V
BE
BASE-EMMITER VOLTAGE V
BE
(V)
30
2000
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=2V
300
h
FE
—— I
C
COLLECTOR CURREMT I
C
(mA)
β=20
300
30
V
CEsat
—— I
c
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
c
(mA)
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
4.5mA
4mA
3.5mA
3mA
2.5mA
2mA
1.5mA
1mA
I
B=500uA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com