Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2881 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC2881
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC2881 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC2881 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2881 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2881 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2881 SOT-89
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
Ambient temperature Ta (°C)
PC – Ta
0
0
0.8
0.2
0.4
0.6
20
40
60
80
100
120
140
160
1.2
1.0
(1)
(2)
(1) Mounted on a ceramic
substrate (250 mm 2× 0.8 t)
(2) No heat sink
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe Operating Area
16
12
8
4
0
0
200
400
600
800
2
IB = 1 mA
Common emitter
Ta = 25°C
3
5
10
20
50
0
1.0
0
0.2
0.4
0.6
0.8
1.2
Common emitter
VCE = 5 V
Ta = 100°C
1.0
0.8
0.6
0.4
0.2
0
−25
25
1000
300
100
50
30
10
500
3
10
30
100
300
1000
Common emitter
VCE = 5 V
Ta = 100°C
25
−25
100
10
3
0.03
30
300
1000
0.05
0.1
0.3
0.5
1
Ta = 100°C
−25
Common emitter
IC/IB = 10
25
500
1
10
50
3000
1000
300
100
30
3
5
0.3
3
1
10
100
30
300
DC operation Ta = 25°C
IC max (pulse)*
IC max (continuous)
100 ms
*
1 ms
*
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
Tested without a substrate.
V CEO
max
10 ms
*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com