Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356-R24 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC3356-R24
Description  NPN Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC3356-R24 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC3356-R24 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356-R24 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356-R24 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356-R24 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3356 SOT23-3L
3 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
0
2
1
5
4
3
7
6
0.5
1
5
10
50 70
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.0 GHz
5
4
3
2
1
0
18
15
12
6
3
0
2
4
6
8
10
VCE-Collector to Emitter Voltage-V
NOISE FIGURE, FORWARD INSERTION
GAIN vs. COLLECTOR TO EMITTER VOLTAGE
f = 1.0 GHz
IC = 20 mA
|S21e|2
NF
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
( R––––
ZO
)
EN
T
20
S11e, S22e-FREQUENCY
S21e-FREQUENCY
90°
0°
30°
−
30°
60°
−
60°
180°
150°
−
150°
120°
−
120°
−
90°
5
10
15
20
S21e
0.2 GHz
2.0 GHz
90°
0°
30°
−
30°
60°
−
60°
180°
150°
−
150°
120°
−
120°
−
90°
0.05 0.1
0.15 0.2 0.25
S12e
0.2 GHz
2.0 GHz
S12e-FREQUENCY
VCE = 10 V
200 MHz Step
CONDITION
VCE = 10 V
IC = 20 mA
CONDITION
VCE = 10 V
IC = 20 mA
CONDITION
0.2 GHz
0.2 GHz
0.2 GHz
2.0 GHz
IC = 20 mA
S22e
S11e
IC = 20 mA
IC = 5 mA
IC = 5 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com