Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12F Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SS12F
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SS12F Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SS12F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS12F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS12F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS12F THRU SS120F SMAF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 20 to 200 V
Forward Current - 1 A
FEATURES
Metal silicon junction, majority carrier conduction
For surface mounted applications
Low power loss, high efficiency
High forward surge current capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 27mg / 0.00095oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
SMAF
Absolute Maximum Ratings and Electrical characteristics
Ratings at 25 ° ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
Parameter
Symbols
SS12F
SS14F
SS16F
SS18F
SS110F
SS112F
SS115F
SS120F
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average Forward Rectified Current
IF(AV)
1.0
A
Peak Forward Surge Current, 8.3ms Single Half Sine-
wave Superimposed On Rated Load (JEDEC method)
IFSM
40
30
A
Maximum Instantaneous Forward Voltage at 1 A
VF
0.55
0.70
0.85
0.90
V
Maximum Instantaneous Reverse Current TA = 25°C
at Rated DC Reverse Voltage
TA = 100°C
IR
0.3
10
0.2
5
0.1
2
mA
Typical Junction Capacitance(1)
Cj
110
80
pF
Typical Thermal Resistance (2)
RθJA
95
°C/W
Operating Junction Temperature Range
Tj
-55 ~ +150
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
(
1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(
2)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Marking Code
SS12F
SS12
SS14F
SS14
SS16F
SS16
SS18F
SS18
SS110F
SS110
SS112F
SS112
SS115F
SS115
SS120F
SS120


Similar Part No. - SS12F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SS12F ETC2-SS12F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS12F CHENDA-SS12F Datasheet
629Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS12F YFWDIODE-SS12F Datasheet
163Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS12F JUXING-SS12F Datasheet
761Kb / 3P
Surface Mount Schottky Rectifiers
More results

Similar Description - SS12F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com