Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SS8550
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SS8550 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SS8550 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS8550 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS8550 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS8550 SOT-23
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Typical Characteristics
-200
-300
-400
-500
-600
-700
-800
-900
-1000
-0.1
-1
-10
-100
-1000
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-0.1
-1
-10
-100
-1000
-200
-300
-400
-500
-600
-700
-800
-900
-1000
-0.1
-1
-10
-100
-1000
10
100
0
1
-
1
-
1
-1
-10
-100
-1000
-1
-10
-100
-1000
0
0
1
-
0
1
-
1
-
10
100
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
VCE=-1V
Ta=25℃
Ta=100
oC
I
C
V
BE
——
BASE-EMMITER VOLTAGE V
BE
(mV)
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
β=10
Ta=25℃
Ta=100℃
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
Ta=100℃
Ta=25℃
500
V
CE=-1V
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
C
ob
C
ib
100
-0.2
f=1MHz
I
E=0/ IC=0
Ta=25
oC
V
CB/ VEB
C
ob/ Cib
——
20
REVERSE VOLTAGE V (V)
Ta=25℃
0.2
Ta=100℃
β=10
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
VCE-10V
Ta=25
oC
I
C
fT ——
500
Pc —— Ta



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com