Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL804 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUL804
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL804 Datasheet(HTML) 2 Page - STMicroelectronics

  BUL804 Datasheet HTML 1Page - STMicroelectronics BUL804 Datasheet HTML 2Page - STMicroelectronics BUL804 Datasheet HTML 3Page - STMicroelectronics BUL804 Datasheet HTML 4Page - STMicroelectronics BUL804 Datasheet HTML 5Page - STMicroelectronics BUL804 Datasheet HTML 6Page - STMicroelectronics BUL804 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BUL804
2/7
Table 2: Absolute Maximum Ratings
Table 3: Thermal Data
Table 4: Electrical Characteristics (Tcase = 25 oC unless otherwise specified)
* Pulsed: Pulsed duration = 300 µs, duty cycle
≤ 1.5 %.
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
800
V
VCEO
Collector-Emitter Voltage (IB = 0)
450
V
VEBO
Emitter-Base Voltage (IC = 0)
8V
IC
Collector Current
4A
ICM
Collector Peak Current (tp < 5ms)
8A
IB
Base Current
2A
IBM
Base Peak Current (tp < 5ms)
4A
Ptot
Total Dissipation at TC = 25 oC
70
W
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
1.78
62.5
oC/W
oC/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = -1.5 V)
VCE = 800 V
VCE = 800 V
Tj = 125 oC
100
500
µA
µA
VEBO
Emitter-Base Voltage
(IC = 0 )
IE = 10 mA
8
V
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0 )
IC = 100 mA
L = 25 mH
450
V
ICEO
Collector Cut-off Current
(IB = 0)
VCE = 450 V
250
µA
VCE(sat)* Collector-Emitter
Saturation Voltage
IC = 1 A
IB = 0.2 A
IC = 2.5 A
IB = 0.5 A
0.8
1.2
V
V
VBE(sat)* Base-Emitter Saturation
Voltage
IC = 1 A
IB = 0.2 A
IC = 2.5 A
IB = 0.5 A
1.2
1.3
V
V
hFE
DC Current Gain
IC = 10 mA
VCE = 5 V
IC = 2 A
VCE = 5 V
10
10
20
ts
tf
RESISTIVE LOAD
Storage Time
Fall Time
VCC = 300 V
IC = 2 A
IB1 = 0.4 A
IB2 = -0.4 A
Tp = 30 µs
(see figure 11)
1.8
0.1
2.6
0.25
µs
µs
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 2 A
IB1 = 0.4 A
VBE(off) = -5 V
RBB = 0 W
Vclamp = 360 V
(see figure 10)
0.6
0.1
1
0.2
µs
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com