Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES520 Datasheet(PDF) 2 Page - DFI Inc

Part # ES520
Description  Embedded Chassis for 3.5" SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ES520 Datasheet(HTML) 2 Page - DFI Inc

  ES520 Datasheet HTML 1Page - DFI Inc ES520 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Embedded Chassis for 3.5" SBC
ES520
Specifications
STORAGE
• 1 2.5" SATA drive bay
I/O
• Front Panel
- 4 or 2 USB 2.0*
- 1 HDD LED
- 1 Power LED
- 1 Power button
- 1 Reset button
• Rear Panel
- 3 DB-9 cutout
- 1 Mic-in
- 1 Line-out
COOLING SYSTEM
• 1 system fan
ENVIRONMENT
• Temperature
- Storage: -10oC ~ 60oC
• Humidity
- Operating: 0% to 85% non-condensing
CONSTRUCTION
• Sheet metal
MOUNTING
• Wall mount
- brackets and screws*
DIMENSIONS
• 166mm x 50mm x 157.3mm (W x H x D)
* Optional and is not supported in standard model. Please contact your sales representative for more information.
Optional Items
PN
Description
Wall Mount
761-ES5200-000G
ES520 Wall mount kit, RoHS
Wall Mounting
Optional Items
5.00
Ø8.50
182.60
Fully compatible with DFI's 3.5" SBCs
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 10, 2014 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com