Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPRESS-BASE Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # EXPRESS-BASE
Description  COM Express Type 2 Reference Carrier Board in ATX Form Factor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-BASE Datasheet(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-BASE Datasheet HTML 1Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.adlinktech.com/Computer-on-Module
Specifications
Form Factor
Core Module Interface
PICMG® COM Express® Revision 2.0
Supports Type 2 modules in Basic or Compact form factor
Dimensions
305 mm x 244 mm (AT/ATX)
Expansion Busses
Two 32-bit PCI v2.3 slots
Five PCI Express x1 slots
One PCI Express x16 / SDVO slot
LPC bus header
BIOS / Debug
POST LEDs
Onboard diagnostics for BIOS POST code data and address
on LPC bus
Allows single step BIOS execution
Secondary BIOS
Onboard sockets for secondary LPC & SPI flash
Active Components
Audio
ALC880 High Definition Audio Codec
Super I/O
Winbond WF83627HG on LPC
Connectors
COM Express®
Two x 220-pin (Type 2)
VGA
DB15 on Rear I/O panel for VGA displays
LVDS
Two onboard headers supporting dual channel LVDS
Audio
Mic/Line-in/Speakers on rear I/O panel, Mic/Line-in on
header, S/PDIF on header
PATA IDE
One 40-pin header
SATA IDE
Four SATA connectors
ExpressCard
One socket onboard
LAN
10/100/1000BASE-T compatible RJ45 on rear I/O panel
USB 2.0
Four + two on rear I/O panel, two on header and one through
Mini Express Card
Serial Port
One DB-9 on rear I/O panel, one header onboard
Parallel Port
One DB-25 on rear I/O panel
FDD
34-pin header
Smart Battery
One header for Smart Battery management communications
(connects to ADLINK BattMan board)
KB/Mouse
Two 6-pin mini DIN (on rear I/O panel)
Digital I/O
8-pin header
Feature Connectors
SMBus, I2C, module control signals, flat panel control signals
Miscellaneous
Reset, Power LED, HDD LED, Buzzer
Power
Standard ATX connector
Switches
Onboard RESET button and ATX mini switch
COM Express® Type 2 Reference Carrier Board in
ATX Form Factor
Express-BASE
Functional Diagram
Ordering Information
Carrier
Model Number
Description/Configuration
Express-BASE
COM Express® Reference Carrier Board in ATX form factor
Features
Five PCI Express x1 slots
PCI Express x16 Graphics slot / SDVO slot
Two legacy 32-bit PCI slots
Dual LPC BIOS, single step execution
LPC Super I/O (enable/disable)
CF card or Express-Card
Integrated POST code display
ATX / AT or Battery Powered
LPC
W83627HF
Primary
Super I/O
LPT1
COM1
COM2
FDD
POST Code
Display
Six PCI Express x1
6x USB on Rear I/O
1x USB on header
Audio
Codec
Audio on
Rear I/O
KB/MS
Eight USB
Debug Header
SATA
4 onboard
SATA headers
Secondary
BIOS
Express
Card
VGA
Rear I/O
P
C
I
E
1
P
C
I
E
1
P
C
I
E
1
P
C
I
E
1
P
C
I
E
5
LVDS
headers
Gigabit
Ethernet
Rear I/O
PCI Express x16
(can also be used for
SDVO ADD2 card)
PCI Express x16
onboard slot
PATA
Single Channel
IDE Connector
32-bit PCI
PCI
2 slot
COM Express Carrier Design Guide
Provides detailed information on designing your own custom carrier
board for COM Express modules.
Download from the Express-BASE product webpage at www.adlinktech.com


Similar Part No. - EXPRESS-BASE

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-BASE6 ADLINK-EXPRESS-BASE6 Datasheet
308Kb / 1P
COM Express Type 6 Reference Carrier Board in ATX Form Factor
logo
Sealevel Systems, Inc.
EXPRESS-BASE6 SEALEVEL-EXPRESS-BASE6 Datasheet
336Kb / 2P
COM Express Carrier Board, Type 6, ATX Form Factor
logo
Adlink Technology Inc.
EXPRESS-BASE7 ADLINK-EXPRESS-BASE7 Datasheet
234Kb / 2P
COM Express Type 7 Reference Carrier Board in ATX Form Factor
More results

Similar Description - EXPRESS-BASE

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
COM Express Carrier Board
ECB-917T AAEON-ECB-917T Datasheet
307Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
COM Express Carrier Board
logo
DFI Inc
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
COM Express Carrier Board
COM630-B DFI-COM630-B Datasheet
1Mb / 2P
COM Express Carrier Board
logo
Adlink Technology Inc.
EXPRESS-BASE6 ADLINK-EXPRESS-BASE6 Datasheet
308Kb / 1P
COM Express Type 6 Reference Carrier Board in ATX Form Factor
EXPRESS-BASE7 ADLINK-EXPRESS-BASE7 Datasheet
234Kb / 2P
COM Express Type 7 Reference Carrier Board in ATX Form Factor
logo
BCM Advanced Research.
EEV-EX14 BCM-EEV-EX14 Datasheet
523Kb / 1P
Micro ATX Type6 COM Express Carrier Board
EEV-EX16 BCM-EEV-EX16 Datasheet
386Kb / 1P
Micro ATX Type 6 COM Express Carrier Board
2021/05/09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com