Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPRESS-BASE7 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # EXPRESS-BASE7
Description  COM Express Type 7 Reference Carrier Board in ATX Form Factor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-BASE7 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-BASE7 Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-BASE7 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Express-BASE7
COM Express® Type 7 Reference Carrier Board in ATX Form Factor
Features
●
Supports up to four 10GBASE-KR and associated sideband signals
●
Supports NC-SI interface
●
One PCI Express x16 slot, Two PCI Express x8 slots
●
Supports 10GbE adapter card via PCIe x16 slot
●
Dual BIOS (SPI bus)
●
Conforms to COM Express® Carrier Design Guide
New
Specifications
● Core Module Interface
PICMG COM Express Revision 3.0
Supports Type7 module in Basic or Compact form factor
● Dimension
305 mm x 244 mm (ATX)
● Expansion Busses
1 PCI Express x16 slot
2 PCI Express x8 slots
● POST LEDs
Onboard diagnostics for BIOS POST code data and address on LPC bus
● Secondary BIOS
Onboard socket for secondary SPI flash
● Super I/O
Winbond WF83627DHG on LPC bus
● Digital I/O
I2C to GPIO bridge PCA9535
● Connectors
Two 220-pin board-to-board connectors (Type 7)
● 10GbE LAN
Up to four 10GBASE-KR and related sideband signals
1 PCI Express x16 slot routes signals from COM Express module to 10GbE
card adapter (proprietary pinout)
● GbE LAN
10/100/1000BASE-T
compatible RJ-45 on I/O panel
GbE_SDP support
● NC-SI and IPMI BMC
NC-SI interface connect COM Express module and IPMI BMC
IPMI BMC (Lite version) on carrier board
Note: support by project basis
● SATA
2x SATA ports
● USB
4x USB 3.0/2.0 ports
● Serial Port
2x DB-9 on I/O panel (from Winbond Super I/O)
2x onboard 10-pin header (from COM Express module)
● KB/Mouse
2x 6-pin mini-DIN
● Feature Connectors
SMBus, I2C, module control signals
● Miscellaneous
Reset, Power LED, HDD LED, Buzzer


Similar Part No. - EXPRESS-BASE7

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-BASE ADLINK-EXPRESS-BASE Datasheet
326Kb / 1P
COM Express Type 2 Reference Carrier Board in ATX Form Factor
EXPRESS-BASE6 ADLINK-EXPRESS-BASE6 Datasheet
308Kb / 1P
COM Express Type 6 Reference Carrier Board in ATX Form Factor
logo
Sealevel Systems, Inc.
EXPRESS-BASE6 SEALEVEL-EXPRESS-BASE6 Datasheet
336Kb / 2P
COM Express Carrier Board, Type 6, ATX Form Factor
More results

Similar Description - EXPRESS-BASE7

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
COM Express Carrier Board
ECB-917T AAEON-ECB-917T Datasheet
307Kb / 2P
COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
COM Express Carrier Board
logo
DFI Inc
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
COM Express Carrier Board
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
COM Express Carrier Board
COM630-B DFI-COM630-B Datasheet
1Mb / 2P
COM Express Carrier Board
logo
Adlink Technology Inc.
EXPRESS-BASE ADLINK-EXPRESS-BASE Datasheet
326Kb / 1P
COM Express Type 2 Reference Carrier Board in ATX Form Factor
EXPRESS-BASE6 ADLINK-EXPRESS-BASE6 Datasheet
308Kb / 1P
COM Express Type 6 Reference Carrier Board in ATX Form Factor
logo
BCM Advanced Research.
EEV-EX14 BCM-EEV-EX14 Datasheet
523Kb / 1P
Micro ATX Type6 COM Express Carrier Board
EEV-EX16 BCM-EEV-EX16 Datasheet
386Kb / 1P
Micro ATX Type 6 COM Express Carrier Board
2021/05/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com