Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPRESS-CF Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # EXPRESS-CF
Description  COM Express Basic Size Type 6 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-CF Datasheet(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-CF Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-CF Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-CF Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-CF Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Express-CF/CFE
COM Express® Basic Size Type 6 Module with Hexacore Mobile 8th Gen
Intel® Xeon® and Core™ Processors
Features
●
PICMG COM.0 R3.0 Type 6 module with hexacore and quad-core
Intel® processors
●
Up to 48GB Dual Channel DDR4 at 2133/2400MHz
●
Three DDI channels, one LVDS (or 4 lanes eDP), supports up to
3 independent displays
●
One PCIe x16 Gen3, eight PCIe x1 Gen3 (NVMe SSD &
Intel® Optane™ Memory Technology support)
●
GbE, four SATA 6 Gb/s, four USB 3.1 and four USB 2.0
●
Supports Smart Embedded Management Agent (SEMA) functions
Specifications
● Core System
CPU
Mobile 8th Generation Intel Xeon® and Core™ Processors - 14nm process
• Xeon® E-2176M, 2.7 (4.4)GHz, 12MB. 45W (35W cTDP), 6C/GT2
• Core™ i7-8850H, 2.6 (4.3)GHz, 9MB, 45W (35W cTDP), 6C/GT2
• Core™ i5-8400H, 2.5 (4.2)GHz, 8MB, 45W (35W cTDP), 4C/GT2
• Core™ i3-8100H, 3.0GHz, 6MB, 45W (35W cTDP), 4C/GT2
Supports: Intel® VT, Intel® TXT, Intel® SSE4.2, Intel® HT Technology, Intel® 64
Architecture, Execute Disable Bit, Intel® Turbo Boost Technology 2.0, Intel®
AVX2, Intel® AES-NI, PCLMULQDQ Instruction, Intel® Secure Key and Intel® TSX.
Note: Availability of the features may vary between processor SKUs.
Memory
2133/2400 MHz DDR4 memory up to 48GB in three SODIMM sockets
(Xeon® paired with CM246 supports both ECC and non-ECC memory)
(48GB is build support)
Embedded BIOS
AMI EFI with CMOS backup in 32MB SPI BIOS with Intel® AMT 12.0 support
Cache
12MB for Xeon®, 9MB for Core™ i7, 8MB for Core™ i5
6MB for Core™ i3
Chipset
• CM246 (supports ECC memory and Intel® AMT)
• QM370 (supports Intel® AMT )
• HM370 (no support for Intel® AMT )
Expansion Busses
• PCIe x16, 2 PCIe x8, or 1 PCIe x8 with 2 PCIe x4 (Gen3)
• 6 PCI Express x1 (Gen3); AB connector, Lanes 0/1/2/3/4/5
• 2 PCI Express x1 (Gen3); CD connector, Lane 6/7
• LPC bus, SMBus (system), I2C (user)
SEMA Board Controller
Supports: voltage/current monitoring, power sequence debug support,
AT/ATX mode control, logistics and forensic information, flat panel control,
general purpose I2C, failsafe BIOS (dual BIOS ), watchdog timer and fan
control
Debug Headers
• 40-pin multipurpose flat cable connector for use with DB-40 debug module
providing BIOS POST code LED, BMC access, SPI BIOS flashing, power
testpoints, debug LEDs
• 60-pin XDP header for ICE debug of CPU/chipset
● Video
GPU Feature Support
Intel® Generation 9 LP Graphics Core Architecture, supporting 3 independent
and simultaneous display combinations of DisplayPort/HDMI (or VGA), LVDS
or eDP outputs
• Hardware encode/transcode HD content (including HEVC 10-bit)
• DirectX 12, DirectX 11.2, DirectX 11.1, DirectX 11, DirectX 10.1,
DirectX 10,DirectX 9 support
• OpenGL 4.5 support
• OpenCL 2.1, 2.0/1.2 support
Digital Display Interface
DDI1/2/3 supporting DisplayPort 1.2, HDMI 1.4, DVI
Notes:
DP1.2: max. resolution is 4096x2304 @ 60Hz, 24bpp
HDMI1.4: max. resolution is 4096x2160 @ 24Hz, 24bpp
VGA
VGA support, in place of DDI3 channel (build option, max. resolution
1920x1200@60Hz)
LVDS
Single/dual channel 18/24-bit LVDS from eDP-to-LVDS IC (max. resolution
1920x1200@60Hz in dual mode)
eDP
4 lane support optional, in place of LVDS (build option, max. resolution
4096x2304 @60Hz, 24bpp)
● Audio
Chipset: Intel® HD Audio integrated in chipset
Audio Codec:located on carrier Express-BASE6 (ALC886 standard supported)
● Ethernet
Intel® I219LM/V with AMT 12.0 support (only LM version support AMT)
Interface: 10/100/1000 GbE connection
Note: “build option” indicates an alternative BOM configuration to support additional or alternative functions that are not available on the standard product.
Be aware that these “build option” part numbers will need to be newly created and this will result in production lead times.


Similar Part No. - EXPRESS-CF

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-CFR ADLINK-EXPRESS-CFR Datasheet
512Kb / 4P
COM Express짰 Basic Size Type 6 Module
More results

Similar Description - EXPRESS-CF

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CEXPRESS-HL ADLINK-CEXPRESS-HL Datasheet
306Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-WL ADLINK-CEXPRESS-WL Datasheet
447Kb / 4P
COM Express Compact Size Type 6 Module
EXPRESS-BL ADLINK-EXPRESS-BL Datasheet
273Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-CFR ADLINK-EXPRESS-CFR Datasheet
512Kb / 4P
COM Express짰 Basic Size Type 6 Module
EXPRESS-HL ADLINK-EXPRESS-HL Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL2 ADLINK-EXPRESS-SL2 Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-SL ADLINK-EXPRESS-SL Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-KL2 ADLINK-EXPRESS-KL2 Datasheet
599Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-KL ADLINK-EXPRESS-KL Datasheet
278Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-HLE ADLINK-EXPRESS-HLE Datasheet
275Kb / 4P
COM Express Basic Size Type 6 Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com