Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N06L-TN3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 12N06L-TN3-R
Description  N-Channel 60 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

12N06L-TN3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  12N06L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 12N06L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 12N06L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 12N06L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 12N06L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 12N06L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 12N06L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 12N06L-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel 60 V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•100 % Rg and UIS Tested
•
Material categorization:
For definitions of compliance please see
APPLICATIONS
• DC/DC Converters
•
DC/AC Inverters
•
Motor Drives
Notes:
a. Duty cycle
 1 %.
b. See SOA curve for voltage derating.
c. When mounted on 1" square PCB (FR-4 material).
d. Base on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
60
0.073 at VGS = 10 V
18.2
19.8
0.085 at VGS= 4.5 V
13.2
TO-252
S
G
D
Drain Connected to Tab
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
16.9
A
TC = 70 °C
13.6
Pulsed Drain Current (t = 300 µs)
IDM
25
Avalanche Current
IAS
15
Single Avalanche Energya
L = 0.1 mH
EAS
11.25
mJ
Maximum Power Dissipationa
TC = 25 °C
PD
41.7b
W
TA = 25 °C
c
2.1
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (PCB Mount)c
RthJA
60
°C/W
Junction-to-Case (Drain)
RthJC
3
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
12N06L-TN3-R
1


Similar Part No. - 12N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N06L-TN3-R UTC-12N06L-TN3-R Datasheet
195Kb / 5P
12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 12N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com