Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4KB40 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # UD4KB40
Description  4.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UD4KB40 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UD4KB40 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UD4KB40 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UD4KB40 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UD4KB10 THRU UD4KB100 D3K
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 100 to 1000 V
Forward Current
– 4.0A
FEATURES
High current capability
Low forward voltage drop
Glass Passivated Chip Junction
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: D3K
Terminals: Solderable per MIL-STD-202E, Method 208C
Case:UL-94 Class V-0 recognized Flane Retardant Epoxy
1.Input pin(+)
2.Input pin(~)
3.Output Anode(~)
4.Output Cathode(-)
D3K
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbols
UD4KB10 UD4KB20 UD4KB40 UD4KB60 UD4KB80 UD4KB100
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current
I(AV)
4
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC method)
IFSM
135
A
Forward Voltage per element @IF =2A DC
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
Ta=25°C
IR
10
μA
@Ta=125°C
500
I2t Rating for Fusing(3ms
≤t≤8.3ms)
I
2t
64.84
A
2S
Maximum Typical Thermal
Resistance
wwithout heatsink
RθJA
RθJC
RθJL
55
1.5
15
°C/W
wwith heatsink
wwithout heatsink
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)Device mounted on 50mm*50mm*1.6mm Cu plate heatsink.


Similar Part No. - UD4KB40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UD4KB40 MCC-UD4KB40 Datasheet
483Kb / 3P
High surge forward current capability
logo
Zibo Seno Electronic En...
UD4KB40 ZSELEC-UD4KB40 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
UD4KB40 ZSELEC-UD4KB40 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
UD4KB40 ASEMI-UD4KB40 Datasheet
150Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - UD4KB40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU4005 DIODES-GBU4005_15 Datasheet
72Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
GBJ4A ZSELEC-GBJ4A Datasheet
57Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ4A ZSELEC-KBJ4A Datasheet
97Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ4005 ZSELEC-KBJ4005 Datasheet
97Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D4KB1 YFWDIODE-D4KB1 Datasheet
456Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP401 YFWDIODE-KBP401 Datasheet
825Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBL401 YFWDIODE-GBL401 Datasheet
638Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBU401 YFWDIODE-GBU401 Datasheet
898Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com