Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD6KB40 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # UD6KB40
Description  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UD6KB40 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UD6KB40 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UD6KB40 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UD6KB40 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UD6KB10 THRU UD6KB100 D3K
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 100 to 1000 V
Forward Current
– 6.0A
FEATURES
High current capability
Low forward voltage drop
Glass Passivated Chip Junction
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: D3K
Terminals: Solderable per MIL-STD-202E, Method 208C
Case:UL-94 Class V-0 recognized Flane Retardant Epoxy
1.Input pin(+)
2.Input pin(~)
3.Output Anode(~)
4.Output Cathode(-)
D3K
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbols
UD6KB10 UD6KB20 UD6KB40 UD6KB60 UD6KB80 UD6KB100
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current
I(AV)
6
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC method)
IFSM
165
A
Forward Voltage per element @IF =3.0A DC
VF
1.0
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
Ta=25°C
IR
10
μA
@Ta=125°C
500
I2t Rating for Fusing(3ms
≤t≤8.3ms)
I
2t
93
A
2S
Maximum Typical Thermal
Resistance
wwithout heatsink
RθJA
RθJC
RθJL
55
1.5
15
°C/W
wwith heatsink
wwithout heatsink
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)Device mounted on 50mm*50mm*1.6mm Cu plate heatsink.


Similar Part No. - UD6KB40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UD6KB40 MCC-UD6KB40 Datasheet
354Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Zibo Seno Electronic En...
UD6KB40 ZSELEC-UD6KB40 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
UD6KB40 ZSELEC-UD6KB40 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
More results

Similar Description - UD6KB40

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
logo
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU610 SHUNYE-GBU610 Datasheet
147Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ6A ZSELEC-GBJ6A Datasheet
72Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBL601 ZSELEC-KBL601 Datasheet
84Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS605 ZSELEC-HBS605 Datasheet
120Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005M ZSELEC-RS6005M Datasheet
114Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com