Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK181Z Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK181Z
Description  HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK181Z Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK181Z Datasheet HTML 1Page - M.S. Kennedy Corporation MSK181Z Datasheet HTML 2Page - M.S. Kennedy Corporation MSK181Z Datasheet HTML 3Page - M.S. Kennedy Corporation MSK181Z Datasheet HTML 4Page - M.S. Kennedy Corporation MSK181Z Datasheet HTML 5Page - M.S. Kennedy Corporation MSK181Z Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
FEATURES:
Low Cost
High Voltage Operation:
Single Supply: +8V to +60V
Dual Supply: ±4V to±30V
High Output Current: 3 Amp Continuous
High Speed: 10V/µS
Low Quiescent Current: 20 mA Typ.
Adjustable Current Limits
Thermal Shutdown
Monolithic Technology
Enable/Status Pin For Output Disable Control
MIL-PRF-38534 CERTIFIED
181
HIGH VOLTAGE/HIGH CURRENT
OPERATIONAL AMPLIFIER
ISO-9001 CERTIFIED BY DSCC
Servo Driver
Actuator Driver
Audio Amplifier
Power Supplies
1
2
3
4
+VIN
-VIN
ILIM
E/S
8
7
6
5
-Vcc
+Vcc
Output
N/C
M.S.KENNEDY CORP.
MSK181Z
MSK181
DESCRIPTION:
The MSK 181 is a high power monolithic operational amplifier ideal for use with a wide variety of loads. With operation from
either single or dual supplies, the MSK 181 offers excellent design flexibility. Power dissipation is kept to a minimum with a
quiescent current rating of only 20mA, while 3 Amps of continuous available output current makes the MSK 181 a very good low
cost choice for motor drive circuits and audio amplification. The MSK 181 is internally protected against current overloads and
overtemperature conditions. Current limit can also be user-selected through the use of a resistor/potentiometer or voltage out/
current out DAC. The MSK 181 is packaged in a hermetically sealed 8 pin power dip and the MSK 181Z is offered with bolt down
tabs for applications that require heat sinking.
EQUIVALENT SCHEMATIC
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
PRELIMINARY Rev. C 8/01
1


Similar Part No. - MSK181Z

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK181Z ANAREN-MSK181Z Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
More results

Similar Description - MSK181Z

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
High Voltage, High Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com