Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSNF24-FCUS Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part # FSNF24-FCUS
Description  On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

FSNF24-FCUS Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  FSNF24-FCUS Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC FSNF24-FCUS Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data
307630
Power Supply
24 VAC, ±20%, 50/60 Hz, 24 VDC, 0% /
+50%
Power consumption in operation 27 VA
Power consumption in rest
position
3 W, 6.5 VA, End stop 55 VA, 2.5 A slow
blow fuse *
Transformer sizing
40 VA (class 2 power source)
Shaft Diameter
1/2...1.05” round, centers on 1/2” and 3/4”
with insert, 1.05” without insert
Electrical Connection
18 GA, 3 ft [1 m], 2 color coded wires
Overload Protection
electronic throughout 0...95° rotation
Electrical Protection
actuators are double insulated
Angle of rotation
95°
Torque motor
70 in-lb [8 Nm] from 32...350°F [0...177°C]
Direction of motion motor
selectable by ccw/cw mounting
Direction of motion fail-safe
reversible with cw/ccw mounting
Position indication
Mechanical
Running Time (Motor)
15 s between 32...350°F [0...177°C], <15 s
at rated voltage & torque
Running time fail-safe
15 s
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
32...122°F [0...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP40, NEMA 1
Housing material
galvanized steel
Gears
steel, permanently lubricated
Agency Listing
cULus listed to UL873 and CAN/CSA C22.2
No.24, UL 2043 Listed for air plenum
installation per NEC 300.22 and IMC Section
602
NYC Department of Buildings MEA 197-
07-M.California State Fire Marshal Listing
3210-1593:101.
Noise level, motor
45 dB(A)
Noise level, fail-safe
62 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
5.8 lb [2.8 kg]
† UL File XAPX.E108966
Fire & Smoke damper actuator
Application
The type FSNF spring-return actuator is intended for the operation of smoke
and combination fire and smoke dampers in ventilation and air-conditioning
systems. The actuator will meet requirements of UL555 and UL555S when
tested as an assembly with the damper and will meet requirements of UBC for
15 second opening and closing at 350°F. Square footage of damper operated
will depend on make and model and the temperature required.
IMPORTANT 24VDC NOTE: The FSNF24 & -S models will not operate below
24VDC. A filtered and regulated power supply must be used.
Operation
Mounting of the actuator to the damper axle shaft or jackshaft (3/8” to 1.05”) is
via a cold-weld clamp. Teeth in the clamp and V-bolt dig into the metal of both
solid and hollow shafts maintaining a perfect connection. The specially designed
clamp will not crush hollow shafts. The bottom end of the actuator is held by an
anti-rotation strap or by a stud provided by the damper manufacturer.
The actuator is mounted in its fail safe position with the damper blade(s) closed.
Upon applying power, the actuator drives the damper to the open position. The
internal spring is tensioned at the same time. If the power supply is interrupted,
the spring moves the damper back to its fail-safe position.
Dimensions (Inches[mm])
Standard:
1/2" to 1.05"
Optional*
3/8" to 3/4"
*with K4 US clamp
1.97"
[50]
2.64"
[67]
0.26" [6.5]
5.85" [148.5]
10.20" [259]
0.35" [9]
0.39" [10]
0.65" [16.5]
0.19" [5]
[ø41.2]
ø1.62"
[191.6]
7.54"
Safety Notes
* Neither UL nor Belimo require local over-current protection. The FSNF
actuators draw higher peak current when driving against any type of stop. If
used, this requires the value of a local fuse or breaker to be increased to avoid
nuisance opening or tripping. A 2.5 A slow blow should be used for AC 24 V.
A 0.5 A slow blow should be used for AC 120 V. A 0.25 A slow blow should be
used for 230 V and a 0.3 A slow blow for AC 208 V. Transformers: Note that
while a 24 V 100 VA transformer would handle 2 actuators, a 4 A breaker or
plug fuse is insufficient. A 5 A slow blow would be required.
Belimo Fire & Smoke actuators have passed the AMCA 520 and UL 555S Long
Term Holding test. No special cycling is required during prolonged periods
when actuator is driven open and held there. Periodic testing of dampers and
actuators per local codes and NFPA 80 and NFPA 105 are required.
The actuator contains no components which the user can replace or repair.
A 1/2” threaded connector is standard. FSNFxx-FC models have a 3/8” Flex
Connector. Other than the connector, these actuators are identical to the
conduit connector version.
FSNF24-FC US Technical Data Sheet
On/Off, Spring Return, 350°F [177°C] for half an hour, 15 s Cycle Time
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Similar Part No. - FSNF24-FCUS

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
FSNF24-S-FCUS BELIMO-FSNF24-S-FCUS Datasheet
643Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSNF24-SUS BELIMO-FSNF24-SUS Datasheet
643Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time, Auxiliary Switch
More results

Similar Description - FSNF24-FCUS

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
FSLF24-SUS BELIMO-FSLF24-SUS Datasheet
744Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSLF120-S-FCUS BELIMO-FSLF120-S-FCUS Datasheet
735Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, AC 120 V, 15 s Cycle Time
FSLF120-SUS BELIMO-FSLF120-SUS Datasheet
741Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSLF120US BELIMO-FSLF120US Datasheet
634Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSLF230-SUS BELIMO-FSLF230-SUS Datasheet
741Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSLF230US BELIMO-FSLF230US Datasheet
597Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSNF24-S-FCUS BELIMO-FSNF24-S-FCUS Datasheet
643Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSNF24-SUS BELIMO-FSNF24-SUS Datasheet
643Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time, Auxiliary Switch
FSNF24US BELIMO-FSNF24US Datasheet
523Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSNF120-FCUS BELIMO-FSNF120-FCUS Datasheet
483Kb / 2P
On/Off, Spring Return, 350째F [177째C] for half an hour, AC 120 V, 15 s Cycle Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com