Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12P10-TN3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 12P10-TN3-R
Description  P-Channel 100 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

12P10-TN3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  12P10-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 12P10-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 12P10-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 12P10-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 12P10-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 12P10-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 12P10-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 12P10-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 12P10-TN3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P-Channel 100 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Power Switch
DC/DC Converters
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
- 100
0.250 at VGS = - 10 V
- 8.8
11.7
0.280 at VGS = - 4.5 V
- 8.0
TO-252
S
GD
Top View
Drain Connected to Tab
S
G
D
P-Channel MOSFET
Notes:
a. Duty cycle
≤ 1 %.
b. See SOA curve for voltage derating.
c. When Mounted on 1" square PCB (FR-4 material).
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 8.8
A
TC = 70 °C
- 7.1
Pulsed Drain Current
IDM
- 25
Avalanche Current
IAS
- 18
Single Avalanche Energya
L = 0.1 mH
EAS
16.2
mJ
Maximum Power Dissipationa
TC = 25 °C
PD
32.1b
W
TA = 25 °C
c
2.5
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (PCB Mount)c
RthJA
50
°C/W
Junction-to-Case (Drain)
RthJC
3.9
TO-251
S
D
G
Top View
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
12P10-TN3-R
1


Similar Part No. - 12P10-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12P10-TN3-R UTC-12P10-TN3-R Datasheet
256Kb / 7P
100V P-CHANNEL MOSFET
More results

Similar Description - 12P10-TN3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM90P10-30P ANALOGPOWER-AM90P10-30P Datasheet
123Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM3471P ANALOGPOWER-AM3471P Datasheet
101Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
P-Channel 100-V (D-S) MOSFET
AM40P10-200P ANALOGPOWER-AM40P10-200P Datasheet
342Kb / 5P
P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
P-Channel 100 V (D-S) MOSFET
11-Jul-16
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
P-Channel 100-V (D-S) MOSFET
16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
P-Channel 100-V (D-S) MOSFET
05-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com