Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5026 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5026
Description  Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5026 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5026 Datasheet HTML 5Page - Analog Devices ADRF5026 Datasheet HTML 6Page - Analog Devices ADRF5026 Datasheet HTML 7Page - Analog Devices ADRF5026 Datasheet HTML 8Page - Analog Devices ADRF5026 Datasheet HTML 9Page - Analog Devices ADRF5026 Datasheet HTML 10Page - Analog Devices ADRF5026 Datasheet HTML 11Page - Analog Devices ADRF5026 Datasheet HTML 12Page - Analog Devices ADRF5026 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
ADRF5026
Rev. A | Page 13 of 13
OUTLINE DIMENSIONS
3.10
3.00
2.90
0.776
0.726
0.676
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
5
6
10
11
15
16
20
1.70
1.60 SQ
1.50
0.40
BSC
0.13
REF
0.70
REF
1.60 REF
SQ
0.25
0.20
0.15
0.30
0.25
0.20
0.236
0.196
0.156
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
0.530 REF
CHAMFERED
PIN 1 (0.3 × 45°)
PIN 1
CORNER AREA
Figure 26. 20-Terminal Land Grid Array [LGA]
3 mm × 3 mm Body and 0.726 mm Package Height
(CC-20-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADRF5026BCCZN
−40°C to +105°C
20-Terminal Land Grid Array [LGA]
CC-20-3
026
ADRF5026BCCZN-R7
−40°C to +105°C
20-Terminal Land Grid Array [LGA]
CC-20-3
026
ADRF5026-EVALZ-292
Evaluation Board with 2.92 mm connectors
ADRF5026-EVALZ-240
Evaluation Board with 2.40 mm connectors
1 Z = RoHS Compliant Part.
©2018–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16767-9/20(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com