Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS044Q7DH01 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LS044Q7DH01
Description  The Sharp Memory LCD Suite
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS044Q7DH01 Datasheet(HTML) 3 Page - Sharp Corporation

  LS044Q7DH01 Datasheet HTML 1Page - Sharp Corporation LS044Q7DH01 Datasheet HTML 2Page - Sharp Corporation LS044Q7DH01 Datasheet HTML 3Page - Sharp Corporation LS044Q7DH01 Datasheet HTML 4Page - Sharp Corporation LS044Q7DH01 Datasheet HTML 5Page - Sharp Corporation LS044Q7DH01 Datasheet HTML 6Page - Sharp Corporation LS044Q7DH01 Datasheet HTML 7Page - Sharp Corporation LS044Q7DH01 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
0.96-inch (diameter) Memory LCD
HR-TFT Octagonal Transflective Display
Part Number:
LS010B7DH05
Pixel Format:
192 × 192
Outline Dimensions (mm)
29.7 (W) × 30.5 (H) × 1.645 (D)
Active Area Diameter (mm) Ø 24.384
Dot Pitch (mm)
0.127 × 0.127
Input Voltage
3 V
Interface Type
3 V Serial
Reflectance
16.4%
Power Consumption*
25 µW Static, 40 µW Dynamic
Connector
FPC
Operating Temp. Range
-20 to +70°C
1.03-inch (diagonal) Memory LCD
HR-TFT Square Transflective Display
Part Number
LS010B7DH04
Pixel Format
128 × 128
Outline Dimensions (mm)
22.12 × 25.82 × 0.745
Active Area Diameter (mm) 18.56 × 18.56
Dot Pitch (mm)
0.145 × 0.145
Input Voltage
3 V
Interface Type
3 V Serial
Reflectance
16%
Power Consumption*
15 µW Static, 45 µW Dynamic
Connector
FPC
Operating Temp. Range
-20 to +70°C
*Typical



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com