Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI1R Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZMOD4510AI1R
Description  Gas Sensor Module for Outdoor Air Quality
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI1R Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZMOD4510AI1R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 14Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 15Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 16Page - Renesas Technology Corp ZMOD4510AI1R Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ZMOD4510 Datasheet
© 2020 Renesas Electronics Corporation
14
February 7, 2020
14. Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
www.idt.com/document/psc/12-lga-package-outline-drawing-30-x-30-x-07-mm-body-05-x-10-mm-pitch-lgg12d1
15. Marking Diagram
4510AI1
LOT
YYWW
1. Line 1 is the truncated part number.
2. Line 2 – “LOT” denotes the assembly lot number.
3. Line 2 – “YYWW” are the last two digit of the year and week that the part was assembled.
16. Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Carrier Type
Temperature
ZMOD4510AI1V
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-LGA
3
Tray
-40°C to +65°C
ZMOD4510AI1R
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-LGA
3
Reel
-40°C to +65°C
ZMOD4510-EVK-HC
ZMOD4510 Evaluation Kit including the ZMOD4510 Sensor Board, HiCom Communication Board (USB Interface)
and Micro-USB Cable. The Gas Sensor Evaluation Software is available for download free of charge on
www.IDT.com/ZMOD4510-EVK
17. Revision History
Revision Date
Description of Change
February 7, 2020
•
Added ROHS compliance
•
Updated NVM data space
•
Updated on temperature measurements
September 9, 2019
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com