Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV125S-285 Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # EV125S-285
Description  Stainless Steel Ball and Stem, Female NPT Ends
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

EV125S-285 Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  EV125S-285 Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC EV125S-285 Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC EV125S-285 Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
272799
Power Supply
24 VAC, ±20%, 50/60 Hz, 24 VDC, ±10%
Power consumption in operation 14 W (0.5” to 2”), 16 W (2.5” to 6”)
Transformer sizing
23 VA (0.5...2”), 26 VA ( 2.5...6”) (class 2
power source)
Electrical Connection
18 GA plenum cable and RJ45 socket
(ethernet)
Overload Protection
electronic thoughout 0...90° rotation
Operating Range
2...10 V (default), 4...20 mA w/ ZG-R01 (500
Ω, 1/4 W resistor), VDC variable
Input Impedance
100 kΩ (0.1 mA), 500 Ω
Position Feedback
default 2...10 V, VDC variable
Angle of rotation
90°
Direction of motion motor
reversible with web view
Direction of motion fail-safe
reversible with switch
Position indication
Mechanically, pluggable
Manual override
external push button
Running Time (Motor)
90 s
Running time fail-safe
<35 s
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
-22...122°F [-30...50°C] (ultrasonic sensor),
14...122°F [-10...50°C] (electro-magnetic
sensor)
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP54, NEMA 1, UL Enclosure Type 1
Housing material
UL94-5VA
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, CE acc. to 2004/108/EC and
2006/95/EC
Noise level, motor
45 dB(A)
Noise level, fail-safe
45 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
3.31 lb [1.5 kg]
Communication
BACnet IP
BACnet MS/TP
Modbus RTU
Modbus TCP
MP-Bus
The Energy Valve is based on Belimo patent and patent pending technology, US-Patent 6,039,304: ball
valve with modified characteristics, US-Patent Pending: 2011/0153089: HVAC actuator comprising a
network interface, data store and a processor, US-Patent Pending: 2009/009115: control of sensor less
and brushless DC-Motor.
The Energy Valve incorporates additional technology - powered by Optimum Energy TM.
AKRB24-EV Technical Data Sheet
Modulating, Electronic Fail-Safe, 24 V, Shared Logic Technology®
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com