Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTF120US Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part # FSTF120US
Description  On/Off, Spring Return Fail-Safe, AC 120 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

FSTF120US Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  FSTF120US Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC FSTF120US Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data
66746
Power Supply
120 VAC, ±10%, 50/60 Hz
Power consumption in operation 2 W, 3.5 VA
Power consumption in rest
position
1.5 W, 2.5 VA
Shaft Diameter
1/4...1/2” round, centers on 1/2”
Electrical Connection
18 GA appliance cable, 3 ft [1 m], with 1/2”
conduit connector
Overload Protection
electronic throughout 0...95° rotation
Electrical Protection
actuators are double insulated
Angle of rotation
95°
Torque motor
18 in-lb [2 Nm]
Direction of motion motor
selectable by ccw/cw mounting
Direction of motion fail-safe
reversible with cw/ccw mounting
Position indication
Mechanical
Running Time (Motor)
75 s @ 250°F [121°C]
Running time fail-safe
<25 s @ 32...122°F [0...50°C]
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
32...122°F [0...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP42, NEMA 2, UL Enclosure Type 2
Housing material
UL94-5VA
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, Listed to UL 2043 - suitable
for use in air plenums per Section 300.22(C)
of the NEC and Section 602 of the IMC.
California State Fire Marshal Listing 3210-
1593:104
Noise level, motor
45 dB(A)
Noise level, fail-safe
62 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
1.6 lb [0.60 kg]
Part no. Clamp side spring-return
FSTF120 US CW
FSTF120.1 US CW (bulk pack)
FSTF120.1 CCW CCW (bulk pack)
FSTF120-S US CW CW
FSTF120-S.1 US CW (bulk pack)
FSTF120-S.1 CCW CCW (bulk pack)
FSTF24-S.1 US CW (bulk pack)
† UL File XAPX.E108966
Torque 18 in-lb, 250°F for 30 min, for fire and smoke dampers
Application
The type FSTF spring-return actuator is intended for the operation of smoke
and combination fire and smoke dampers in ventilation and air-conditioning
systems. The actuator will meet requirements of UL555 and UL555S when
tested as an assembly with the damper. Square footage of operating damper will
depend on make and model per damper manufacturer UL testing.
Operation
Mounting of the actuator to the damper axle shaft or jackshaft is via a cold-
weld clamp. Teeth in the clamp and V-bolt dig into the metal of both solid and
hollow shafts maintaining a perfect connection. The specially designed clamp
will not crush hollow shafts. The bottom end of the actuator is held by an anti-
rotation strap or by a stud provided by the damper manufacturer. The actuator
is mounted in its fail safe position with the damper blade(s) typically closed.
Upon applying power, the actuator drives the damper to the open position. The
internal spring is tensioned at the same time. If the power supply is interrupted,
the spring moves the damper back to its fail-safe position.
Dimensions (Inches[mm])
Standard:
1/4" to 1/2"
1/4" to 5/16"
0.68" [16.7]
0.43" [11]
0.77" [19.5]
4.5" [114]
0.2" [5.2]
6.28" [159.5]
Safety Notes
Screw a conduit fitting into the actuator’s bushing. Jacket the actuator’s input
and output wiring with suitable flexible conduit. Properly terminate the conduit
in a suitable junction box.
Retrofit Safety Note
Use of the FSTF for replacement of other makes of actuators is limited in
damper area. The FSLF is preferred for direct coupled applications. The FSTF
may be applied for linkage applications on dampers 1.5 sq.ft. and smaller at
velocities under 2000 fpm.
FSTF120 US Technical Data Sheet
On/Off, Spring Return Fail-Safe, AC 120 V
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Similar Part No. - FSTF120US

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
FSTF120-SUS BELIMO-FSTF120-SUS Datasheet
703Kb / 2P
On/Off, Spring Return, AC 120 V, Auxiliary Switch
More results

Similar Description - FSTF120US

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LF120US BELIMO-LF120US Datasheet
503Kb / 3P
On/Off, Spring Return Fail-Safe, AC 120 V
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
On/Off, Spring Return Fail-Safe, AC 230 V
AFRX24 BELIMO-AFRX24 Datasheet
591Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V
AFRX24-S BELIMO-AFRX24-S Datasheet
686Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V
FSAF120A BELIMO-FSAF120A Datasheet
557Kb / 2P
On/Off, Spring Return Fail-Safe, AC 120 V
FSAF230A BELIMO-FSAF230A Datasheet
557Kb / 2P
On/Off, Spring Return Fail-Safe, AC 230 V
FSLF24-FCUS BELIMO-FSLF24-FCUS Datasheet
610Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V
FSTF24-SUS BELIMO-FSTF24-SUS Datasheet
761Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V, Auxiliary Switch
FSTF24US BELIMO-FSTF24US Datasheet
641Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V
FSTF230US BELIMO-FSTF230US Datasheet
589Kb / 2P
On/Off, Spring Return Fail-Safe, AC 230 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com